Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor LC450029PKB Datasheet HTML 10Page - ON Semiconductor LC450029PKB Datasheet HTML 11Page - ON Semiconductor LC450029PKB Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LC450029PKB
No.A1916-8/25
(2) When CL is stopped at the high level
Note: DD is the direction data.
• CCB address .......... “41H”
• D1 to D208 ............ Display data
• EXF ....................... Ratio of dividing frequency in external clock operating mode setting control data
• DT ......................... 1/4-duty drive or 1/3-duty drive switching control data
• DN ......................... The number of the maximum display segments setting control data
• FC0 to FC2 ............ Common/segment output waveform frame frequency control data
• OC ......................... Internal oscillator operating mode/external clock operating mode switching control data
• SC .......................... Segment on/off (off waveform output) control data
• BU ......................... Normal mode/power-saving mode control data
FC0
SC
B1
B0
D2
D1
0
0
0
0
1
0
D48
D47
DI
CL
CE
B3
B2
A1
A0
A3
A2
1
0
0
D50
D49
D52
D51
0
00
0
0
EXF
0
DT
0
DN
BU
0
0
0
OC
FC1 FC2
0
B1
B0
0
0
0
0
1
0
D100
D54
D53
B3
B2
A1
A0
A3
A2
1
0
0
0
00
0
01
0
D104
D103
D102
D101
00
0
0
0
0
0
00
00
D99
0
B1
B0
0
0
0
0
1
0
D152
D106
D105
D151
B3
B2
A1
A0
A3
A2
1
0
0
0
000
00
1
00
0
0
0
0
0
0
0
00
0
0
0
0
0
B1
B0
0
0
0
0
1
0
D204
D154
D153
D203
B3
B2
A1
A0
A3
A2
1
0
0
0
000
01
1
00
0
0
0
0
0
D208
D207
D206
D205
D202
D201
D200
D199
Fixed data
18 bits
DD
2 bits
Control data
18 bits
Display data
52 bits
CCB address
8 bits
DD
2 bits
Display data
52 bits
CCB address
8 bits
Fixed data
22 bits
DD
2 bits
Display data
48 bits
CCB address
8 bits
Fixed data
14 bits
DD
2 bits
Display data
56 bits
CCB address
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com