Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC450029PKB Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 3 Page - ON Semiconductor

  LC450029PKB Datasheet HTML 1Page - ON Semiconductor LC450029PKB Datasheet HTML 2Page - ON Semiconductor LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC450029PKB
No.A1916-3/25
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Pin
Conditions
min
typ
max
Unit
VH1
CE, CL, DI, INH
0.1VDDI
Hysteresis
VH2
OSCI
External clock operating mode
0.1VDDI
V
IIH1
CE, CL, DI, INH
VI = 6.0V
5.0
Input high-level current
IIH2
OSCI
VI = VDDI, External clock operating mode
5.0
μA
IIL1
CE, CL, DI, INH
VI = 0V
-5.0
Input low-level current
IIL2
OSCI
VI = 0V, External clock operating mode
-5.0
μA
VOH1
S1 to S53
IO = -20μA
VDD-0.9
Output high-level voltage
VOH2
COM1
to COM4
IO = -100μA
VDD-0.9
V
VOL1
S1 to S53
IO = 20μA
0.9
Output low-level voltage
VOL2
COM1
to COM4
IO = 100μA
0.9
V
VMID1
S1 to S53
IO = ±20μA
2/3VDD
-0.9
2/3VDD
+0.9
VMID2
S1 to S53
IO = ±20μA
1/3VDD
-0.9
1/3VDD
+0.9
VMID3
COM1
to COM4
IO = ±100μA
2/3VDD
-0.9
2/3VDD
+0.9
Output middle-level
voltage *1
VMID4
COM1
to COM4
IO = ±100μA
1/3VDD
-0.9
1/3VDD
+0.9
V
Oscillator frequency
fosc
Internal
oscillator circuit
Internal oscillator operating mode
210
300
390
kHz
IDD1
VDD, VDDI
< Power-saving mode >
VDD=VDDI=6.0V
40
100
IDD2
VDD, VDDI
< Internal oscillator operating mode >
VDD=VDDI=6.0V
Driver outputs are open.
200
400
Current drain
(Total value of
VDD and VDDI)
IDD3
VDD, VDDI
< External clock operating mode >
VDD=VDDI=6.0V
fCK=300kHz
Driver outputs are open.
170
340
μA
*1: Excluding the amount of voltage drop of the LCD BIAS GENERATOR which generates VDD1 and VDD2.
(See Figure 1.)
[Figure 1]
VSS
To Common drivers and Segment drivers
VDD2
VDD1
VDD
LCD BIAS
GENERATOR
Excluding the amount of voltage drop of the LCD BIAS GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com