Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIR7373C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # HIR7373C
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR7373C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  HIR7373C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-06-04 10:06:47.0
DATASHEET
5.0mm Infrared LED
HIR7373C
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : Mar.29.2013. Issue No:DIR-0000949
www.everlight.com
Electro-Optical Characteristics (Ta=25
)
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
7.8
15
-----
IF=20mA
Radiant Intensity
Ie
-----
75
-----
mW/sr
IF=100mA
Pulse Width≦100μs and Duty≦1%
Peak Wavelength
λp
-----
850
-----
nm
IF=20mA
Spectral Bandwidth
Δλ
-----
45
-----
nm
IF=20mA
-----
1.45
1.65
IF=20mA
Forward Voltage
VF
-----
1.80
2.40
V
IF=100mA
Pulse Width≦100μs and Duty≦1%
Reverse Current
IR
----
----
10
uA
VR=5V
View Angle
2θ1/2
----
40
----
deg
IF=20mA
Rank
Condition:IF=20mA
Unit:mW/sr
Bin Number
M
N
P
Q
Min
7.8
11.0
15.0
21.0
Max
12.5
17.6
24.0
34.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com