Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIR7373C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # HIR7373C
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR7373C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  HIR7373C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-06-04 10:06:47.0
DATASHEET
5.0mm Infrared LED
HIR7373C
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : Mar.29.2013. Issue No:DIR-0000949
www.everlight.com
0
-40 -20
40
20
0
60
100
80
20
40
60
100
80
120
140
0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10
0
20
40
60
80
100
IF-Forward Current (A)
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
0
20
10
Typical Electro-Optical Characteristics Curves
Forward Current vs. Ambient Temperature
Spectral Distribution
700
750
800
850
900
950
1000
1050
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength (nm)
Radiant Intensity vs. Forward Current
Relative Radiant Intensity vs. Angular Displacement



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com