Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR7373C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # IR7373C
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR7373C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  IR7373C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-05-28 18:35:09.0
DATASHEET
5.0mm Infrared LED
IR7373C
5
Copyright © 2010, Everlight All Rights Reserved. Release Date :MAY.27.2013. Issue No: DIR-0000938
www.everlight.com
Package Dimension
Note: Tolerances unless dimensions ±0.25mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com