Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR7373C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR7373C
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR7373C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR7373C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-05-28 18:35:09.0
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : MAY.27.2013. Issue No: DIR-0000938
www.everlight.com
5mm Infrared LED
IR7373C
Features
High reliability
High radiant intensity
Peak wavelength λp=940nm
2.54mm Lead spacing
Low forward voltage
Pb Free
This product itself will remain within RoHS compliant version.
Description
EVERLIGHT’s Infrared Emitting Diode (IR7373C) is a
high intensity diode , molded in a water clear plastic package.
The device is spectrally matched with phototransistor , photodiode
and infrared receiver module.
Applications
Infrared applied system


Similar Part No. - IR7373C_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR7373C EVERLIGHT-IR7373C Datasheet
162Kb / 7P
5mm Infrared LED, T-1 3/4
08-26-2005
More results

Similar Description - IR7373C_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
5mm Infrared LED
logo
Everlight Electronics C...
SIR323-5 EVERLIGHT-SIR323-5 Datasheet
235Kb / 8P
5mm Infrared LED
JUN.12.2013
HIR323C EVERLIGHT-HIR323C_15 Datasheet
248Kb / 8P
5mm Infrared LED
HIR323C-H0 EVERLIGHT-HIR323C-H0_15 Datasheet
181Kb / 7P
5mm Infrared LED
HIR333C-H0 EVERLIGHT-HIR333C-H0_15 Datasheet
261Kb / 8P
5mm Infrared LED
HIR7373C EVERLIGHT-HIR7373C_15 Datasheet
237Kb / 8P
5mm Infrared LED
HIR7393C EVERLIGHT-HIR7393C_15 Datasheet
203Kb / 7P
5mm Infrared LED
IR333-H0-L10 EVERLIGHT-IR333-H0-L10_15 Datasheet
271Kb / 8P
5mm Infrared LED
EAILP05RDDA4 EVERLIGHT-EAILP05RDDA4 Datasheet
253Kb / 9P
5mm Infrared LED
05.14.2014
EAILP05RDTA0 EVERLIGHT-EAILP05RDTA0 Datasheet
926Kb / 7P
5mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com