Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N277 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N277
Description  Optimized for Radio Frequency Response
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N277 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N277 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
Absolute Maximum Ratings at T
amb = 25
OC
Parameter
Symbols
Min.
Max.
Units
Peak Inverse Voltage
PIV
**
110
Volts
Breakdown Voltage @ I
R = 1.0 mA
V
BR
110
Volts
Surge Current , t = 1 Second
I
FSM
0.5
Amps
Peak Operating Current
I
OS
270
mA
Average Rectified Forward Current
I
O
75
mA
Operating and Storage Temperatures
T
J & STG
-65
+90
OC
Electrical Characteristics at T
amb = 25
OC
Parameter
Test Conditions
Symbols
Min.
Typ.
Max.
Units
Forward Voltage Drop
I
F = 100 mA
V
F
1.00
Volts
Reverse Leakage
V
R = 10 Volts,Tamb = 75
OC
I
R
**
75
µA
Reverse Leakage
V
R = 50 Volts,Tamb = 75
OC
I
R
**
250
µA
Breakdown Voltage @ I
R = 1.0 mA
PIV
110
Volts
Junction Capacitance
f = 1MHz, V
R = 0 volt
C
J
0.8
pF
Features
Lower leakage current
Flat junction capacitance
High mechanical strength
At least 1 million hours MTBF
BKC's Sigma-Bond™ plating for
problem free solderability
Applications
AM/FM detectors
Ratio detectors
FM discriminators
TV audio detectors
RF input probes
TV video detectors
Gold Bonded
1N277
Germanium Diodes
Optimized for Radio Frequency Response
Can be used in many AM, FM and TV-IF applications, replacing point contact devices.
1.0"
25.4 mm
(Min.)
DO-7 Glass Package
Dia
0.085-.107 "
2.16-2.71 mm
0.018-0.022"
0.458-.558 mm
Length
0.230-0.30"
5.85-7.62mm


Similar Part No. - 1N277

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N277 MCC-1N277 Datasheet
66Kb / 1P
110 Volt Germanium Diode
logo
List of Unclassifed Man...
1N277 ETC1-1N277 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
1N277 ETC1-1N277 Datasheet
1Mb / 59P
GOLD BONDED DIODES(Low forward voltage, low power consumption)
logo
New Jersey Semi-Conduct...
1N277 NJSEMI-1N277 Datasheet
136Kb / 1P
GERMANIUM DIODES
1N277 NJSEMI-1N277 Datasheet
71Kb / 1P
germanium signal diode
More results

Similar Description - 1N277

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N276 MICROSEMI-1N276 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
Optimized for Radio Frequency Response
1N949 MICROSEMI-1N949 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
logo
JL World Company Limite...
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
259Kb / 1P
Frequency Response
HMC0603A-65 JLWORLD-HMC0603A-65 Datasheet
397Kb / 1P
Frequency Response
HBO0603G-65 JLWORLD-HBO0603G-65 Datasheet
408Kb / 1P
Frequency Response
logo
Microsemi Corporation
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
Optimized for Radio Frequency Response
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com