Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16M0VC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 16M0VC
Description  60V 300mA MONOLITHIC DIODE ARRAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

16M0VC Datasheet(HTML) 1 Page - Microsemi Corporation

  16M0VC Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A Microsemi Company
580 Pleasant St.
Phone: 617-924-9280
Watertown, MA 02472
Fax:
617-924-1235
DIE SPECIFICATION
60V 300mA
MONOLITHIC DIODE ARRAY
FEATURES:
• 16 DIODE CORE DRIVER
• trr < 20 ns
• RUGGED AIR-ISOLATED CONSTRUCTION
• LOW REVERSE LEAKAGE CURRENT
Symbol
Parameter
Limit
Unit
VBR(R) *1 *2 Reverse Breakdown Voltage
60
Vdc
IO
*1
Continuous Forward Current
300
mAdc
IFSM
*1 Peak Surge Current (tp= 1/120 s)
500
mAdc
Top
Operating Junction Temperature Range
-65 to +150 °C
Tstg
Storage Temperature Range
-65 to +200 °C
NOTE 1: Each Diode
NOTE 2: Pulsed: PW = 100ms max.; duty cycle < 20%
Symbol Parameter
Conditions
Min
Max
Unit
BV1
Breakdown Voltage
IR = 10uAdc
60
Vf1
Forward Voltage
IF = 100mAdc *1
1
Vdc
Vf2
Forward Voltage
IF = 500mAdc *1
1.5
Vdc
IR1
Reverse Current
VR = 40 Vdc
0.1
uAdc
Ct
Capacitance (pin to pin)
VR = 0 Vdc; f = 1 MHz
8.0
pF
tfr
Forward Recovery Time
IF = 500mAdc
40
ns
trr
Reverse Recovery Time
IF = IR = 200mAdc, irr = 20 mAdc, RL = 100 ohms
20
ns
NOTE 1: Pulsed: PW = 300us +/- 50us, duty cycle < 2%, 90us after leading edge
Sertech reserves the right to make changes to any product design, specification or other information at any time without prior
notice.
MSC1024.PDF Rev - 12/3/98
Packaging Options:
W:
Wafer (100% probed)
U: Wafer (sample probed)
D:
Chip (Waffle Pack)
B: Chip (Vial)
V:
Chip (Waffle Pack, 100% visually inspected) X: Other
Metallization Options:
Standard: Al Top
/ Au Backside (No Dash #)
Processing Options:
Standard:
Capable of JANTXV application (No Suffix)
Suffix C:
Commercial
Suffix S:
Capable of S-Level equivalent applications
ORDERING INFORMATION
PART #: 16M0_ _- _
First Suffix Letter: Packaging Option
Second Suffix Letter: Processing Option
Dash #: Metallization Option
Electrical Characteristics (Per Diode) @ 25°C unless otherwise specified
16M0
J
A
C
A
J
J
J
J
J
J
J
.054"
.060"
Absolute Maximum Ratings:


Similar Part No. - 16M0VC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16MBZ1000M10X16 RUBYCON-16MBZ1000M10X16 Datasheet
93Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16MBZ1000M8X20 RUBYCON-16MBZ1000M8X20 Datasheet
93Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16MBZ1500M10X20 RUBYCON-16MBZ1500M10X20 Datasheet
93Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16MBZ1800M10X23 RUBYCON-16MBZ1800M10X23 Datasheet
93Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16MBZ470M8X11.5 RUBYCON-16MBZ470M8X11.5 Datasheet
93Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16M0VC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
04M0 MICROSEMI-04M0 Datasheet
16Kb / 1P
100V 300mA MONOLITHIC DIODE ARRAY
1N5770 MICROSEMI-1N5770 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5772 MICROSEMI-1N5772 Datasheet
22Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5774 MICROSEMI-1N5774 Datasheet
23Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6506 MICROSEMI-1N6506 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6509 MICROSEMI-1N6509 Datasheet
24Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6511 MICROSEMI-1N6511 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
28M0 MICROSEMI-28M0 Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
logo
Rohm
RK7002A ROHM-RK7002A Datasheet
82Kb / 5P
Switching (60V, 300mA)
logo
American Microsemicondu...
FSA2510P AMMSEMI-FSA2510P Datasheet
468Kb / 1P
Monolithic Diode Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com