Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3720 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3720
Description  2A H-Bridge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3720 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3720 Datasheet HTML 1Page - ON Semiconductor CS3720 Datasheet HTML 2Page - ON Semiconductor CS3720 Datasheet HTML 3Page - ON Semiconductor CS3720 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Application and Test Diagram
µP
I/O
VSS
VSS
LLOAD
5mH
RLOAD
30
Ω
CLOAD
0.1
µF
D1
D1 = IN4001
or equivalent
COIL -
COIL +
ENABLE1
ENABLE2
DIRECTION
Gnd
CS3720
VSS
D1
D1
D1
ENABLE2 = 2.4V
ENABLE1
DIRECTION
COIL+
COIL–
ENABLE2
DIRECTION
COIL+
COIL–
5V
0V
5V
0V
17V
0V
17V
0V
5V
0V
17V
0V
17V
0V
5V
0V
50%
50%
10%
90%
50
µs
Turnoff
Delay
50
µs
Turnoff
Delay
ENABLE1 = 0.4V
50%
50%
10%
90%
Figure 1. Delay Times for ENABLE and COIL
Note: A heatsink is required for 2A operation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com