Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3720 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3720
Description  2A H-Bridge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3720 Datasheet(HTML) 4 Page - ON Semiconductor

  CS3720 Datasheet HTML 1Page - ON Semiconductor CS3720 Datasheet HTML 2Page - ON Semiconductor CS3720 Datasheet HTML 3Page - ON Semiconductor CS3720 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
Description
CS3720XT7
7 Lead TO-220 Straight
CS3720XTVA7
7 Lead TO-220 Vertical
CS3720XTHA7
7 Lead TO-220 Horizontal
CS3720XM7
7 Lead Power SIP Straight
CS3720XDPS7
7 Lead D2PAK Short-Leaded
CS3720XDPSR7
7 Lead D2PAK Short-Leaded
(tape & reel)
4
7L
7L
7L
Thermal Data
D2PAK TO-220
Power SIP
RΘJC typ
2.1
2.1
2.1
°C/W
RΘJA typ
10-50*
50
35
°C/W
*Depending on thermal properties of substrate. RΘJA=RΘJC +RΘCA.
Package Specification
Ordering Information
PACKAGE THERMAL DATA
PACKAGE DIMENSIONS IN mm (INCHES)
ON Semiconductor and the ON Logo are trademarks of
Semiconductor Components Industries, LLC (SCILLC). ON
Semiconductor reserves the right to make changes without
further notice to any products herein. For additional infor-
mation and the latest available information, please contact
your local ON Semiconductor representative.
© Semiconductor Components Industries, LLC, 2000
7 Lead TO-220 (T) Straight
2.87 (.113)
2.62 (.103)
9.78 (.385)
10.54 (.415)
1.40 (.055)
1.14 (.045)
0.64 (.025)
0.38 (.015)
0.56 (.022)
0.36 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
14.22 (.560)
13.72 (.540)
0.94 (.037)
0.58 (.023)
7.75 (.305)
7.49 (.295)
2.92 (.115)
2.29 (.090)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
6.55 (.258)
5.94 (.234)
7 Lead Power SIP (M) Straight
20.02 (.788)
15.24 (.600)
17.50 (.689)
10.69 (.421)
0.79 (.031)
MAX.
10.9 (.429)
1.1 (.043)
2.54 (.100)
7 Lead D2PAK (DPS)* Short-Leaded
1.98 (.078)
1.47 (.058)
14.71 (.579)
13.69 (.539)
4.57 (.180)
4.31 (.170)
1.40 (.055)
1.14 (.045)
2.79 (.110)
2.54 (.100)
TERMINAL 8
7.75 (.305)
REF
6.50 (.256) REF
10.31 (.406)
10.05 (.396)
1.27 (.050)
REF
1.68 (.066)
1.40 (.055)
.254 (.010)
REF
0.91 (.036)
0.66 (.026)
8.53 (.336)
8.28 (.326)
0.10 (.004)
0.00 (.000)
*ON SEMICONDUCTOR SHORT-LEADED FOOTPRINT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com