Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM431
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM431 Datasheet(HTML) 3 Page - Texas Instruments

  LM431 Datasheet HTML 1Page - Texas Instruments LM431 Datasheet HTML 2Page - Texas Instruments LM431 Datasheet HTML 3Page - Texas Instruments LM431 Datasheet HTML 4Page - Texas Instruments LM431 Datasheet HTML 5Page - Texas Instruments LM431 Datasheet HTML 6Page - Texas Instruments LM431 Datasheet HTML 7Page - Texas Instruments LM431 Datasheet HTML 8Page - Texas Instruments LM431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM431
www.ti.com
SNVS020G – MAY 2000 – REVISED APRIL 2013
LM431 Electrical Characteristics
TA = 25°C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
VZ = VREF, II = 10 mA
2.440
2.495
2.550
V
LM431A (Figure 4 )
VZ = VREF, II = 10 mA
2.470
2.495
2.520
V
LM431B (Figure 4 )
VZ = VREF, II = 10 mA
2.485
2.500
2.510
V
LM431C (Figure 4 )
VDEV
Deviation of Reference Input Voltage Over
VZ = VREF, II = 10 mA,
8.0
17
mV
Temperature(1)
TA = Full Range (Figure 4 )
ΔVREF/ΔVZ
Ratio of the Change in Reference Voltage
IZ = 10 mA
VZ from VREF to 10V
−1.4
−2.7
mV/V
to the Change in Cathode Voltage
(Figure 5 )
VZ from 10V to 36V
−1.0
−2.0
IREF
Reference Input Current
R1 = 10 kΩ, R2 = ∞, II = 10 mA
2.0
4.0
μA
(Figure 5 )
∝IREF
Deviation of Reference Input Current over
R1 = 10 kΩ, R2 = ∞, II = 10 mA,
0.4
1.2
μA
Temperature
TA = Full Range (Figure 5 )
IZ(MIN)
Minimum Cathode Current for Regulation
VZ = VREF(Figure 4 )
0.4
1.0
mA
IZ(OFF)
Off-State Current
VZ = 36V, VREF = 0V (Figure 6)
0.3
1.0
μA
rZ
Dynamic Output Impedance(2)
VZ = VREF, LM431A,
0.75
Ω
Frequency = 0 Hz (Figure 4 )
VZ = VREF, LM431B, LM431C
0.50
Ω
Frequency = 0 Hz (Figure 4 )
(1)
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature
range.
The average temperature coefficient of the reference input voltage,
∝VREF, is defined as:
Where:
T2 − T1 = full temperature change (0-70°C).
VREF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 8.0 mV, VREF = 2495 mV, T2 − T1 = 70°C, slope is positive.
(2)
The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see Figure 5 ), the dynamic output impedance of the overall
circuit, rZ, is defined as:
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com