Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM431
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM431 Datasheet(HTML) 1 Page - Texas Instruments

  LM431 Datasheet HTML 1Page - Texas Instruments LM431 Datasheet HTML 2Page - Texas Instruments LM431 Datasheet HTML 3Page - Texas Instruments LM431 Datasheet HTML 4Page - Texas Instruments LM431 Datasheet HTML 5Page - Texas Instruments LM431 Datasheet HTML 6Page - Texas Instruments LM431 Datasheet HTML 7Page - Texas Instruments LM431 Datasheet HTML 8Page - Texas Instruments LM431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM431
www.ti.com
SNVS020G – MAY 2000 – REVISED APRIL 2013
LM431 Adjustable Precision Zener Shunt Regulator
Check for Samples: LM431
1
FEATURES
DESCRIPTION
The LM431 is a 3-terminal adjustable shunt regulator
2
•
Average Temperature Coefficient 50 ppm/°C
with ensured temperature stability over the entire
•
Temperature Compensated for Operation Over
temperature range of operation. The output voltage
the Full Temperature Range
may be set at any level greater than 2.5V (VREF) up to
•
Programmable Output Voltage
36V merely by selecting two external resistors that
act as a voltage divided network. Due to the sharp
•
Fast Turn-On Response
turn-on characteristics this device is an excellent
•
Low Output Noise
replacement for many zener diode applications.
Connection Diagram
Figure 1. TO-92: Plastic Package
Figure 2. SOT-23: 3-Lead Small Outline
Top View
Top View
A.
Note: NC = Not internally connected.
Figure 3. SOIC: 8-Pin Surface Mount
Top view
Symbol and Functional Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM431 PHILIPS-LM431 Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Fairchild Semiconductor
LM431 FAIRCHILD-LM431 Datasheet
88Kb / 10P
Programmable Shunt Regulator
logo
National Semiconductor ...
LM431 NSC-LM431 Datasheet
380Kb / 12P
Adjustable Precision Zener Shunt Regulator
LM431 NSC-LM431 Datasheet
870Kb / 13P
Adjustable Precision Zener Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
More results

Similar Description - LM431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
logo
Texas Instruments
LM431BIM3_NOPB TI1-LM431BIM3_NOPB Datasheet
1Mb / 23P
LM431 Adjustable Precision Zener Shunt Regulator
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com