Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMHX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5035AMHX/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMHX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5035AMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM5035A
www.ti.com
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
Pin Descriptions for LM5035A and LM5035A–1 (continued)
HTSSOP 20
WQFN PIN
HTSSOP 28
Name
Description
Application Information
PIN LM5035A
LM5035A
PIN LM5035A-1
11
11
15
HB
Boost voltage for the HO
An external diode is required from VCC
driver
to HB and an external capacitor is
required from HS to HB to power the HO
gate driver.
12
12
16
HS
Switch node
Connection common to the transformer
and both power switches. Provides a
return path for the HO gate driver.
13
13
17
HO
High side gate drive output.
Output of the high side PWM gate
driver. Capable of sinking 2A peak
current
14
14
19
LO
Low side gate dfrive output. Output of the low side PWM gate driver.
Capable of sinking 2A peak current.
15
15
20
PGND
Power Ground
Connect directly to Analog Ground.
16
16
21
VCC
Output of the high voltage
If an auxiliary winding raises the voltage
start-up regulator.The VCC
on this pin above the regulation setpoint,
voltage is regulated to
the Start-up Regulator will shutdown,
7.6V.
thus reducing the internal power
dissipation.
17
17
22
SR2
Synchronous rectifier driver
Control output of the synchronous FET
output.
gate. Capable of 0.5A peak current.
18
18
23
SR1
Synchronous rectifier driver
Control output of the synchronous FET
output.
gate. Capable of 0.5A peak current.
19
19
24
REF
Output of 5V Reference
Maximum output current is 20mA.
Locally decoupled with a 0.1µF
capacitor.
20
21
28
VIN
Input voltage source
Input to the Start-up Regulator.
Operating input range is 13V to 100V
with transient capability to 105V. For
power sources outside of this range, the
LM5035A can be biased directly at VCC
by an external regulator.
1
NC
2
NC
3
NC
4
NC
18
NC
25
NC
26
NC
27
NC
EP
EP
EP
Exposed Pad, underside of
No electrical contact. Connect to system
package
ground plane for reduced thermal
resistance.
1
NC
No connection
No electrical contact.
10
NC
No connection
No electrical contact.
20
NC
No connection
No electrical contact.
22
NC
No connection
No electrical contact.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com