Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMHX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5035AMHX/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMHX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5035AMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5035AMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM5035A
www.ti.com
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
LM5035A/LM5035A-1 PWM Controller with Integrated Half-Bridge and SyncFET Drivers
Check for Samples: LM5035A
1
FEATURES
DESCRIPTION
The LM5035A Half-Bridge Controller/Gate Driver
2
•
105V / 2A Half-Bridge Gate Drivers
contains all of the features necessary to implement
•
Synchronous Rectifier Control Outputs with
half-bridge topology power converters using voltage
Programmable Delays
mode control with line voltage feed-forward. The
•
High Voltage (105V) Start-up Regulator
LM5035A is a functional variant of the LM5035 half-
bridge
PWM
controller.
The
VCC
current
limit
•
Voltage mode Control with Line Feed-Forward
threshold has been increased to 35 mA. The soft start
and Volt • Second Limiting
and soft start currents have been increased from 50
•
Resistor Programmed, 2MHz Capable
µA to 100 µA. The BST UV threshold has been
Oscillator
lowered to less than the VCC UV threshold. The ratio
of the T1 and T2 delays on the SR1 and SR2 outputs
•
Patent Pending Oscillator Synchronization
has been increased from 2:1 to 3:1. The floating high-
•
Programmable Line Under-Voltage Lockout
side gate driver is capable of operating with supply
•
Line Over-Voltage Protection
voltages up to 105V. Both the high-side and low-side
•
Internal Thermal Shutdown Protection
gate drivers are capable of 2A peak. An internal high
voltage startup regulator is included, along with
•
Adjustable Soft-Start
programmable line undervoltage lockout (UVLO) and
•
Versatile Dual Mode Over-Current Protection
overvoltage
protection
(OVP).
The
oscillator
is
with Hiccup Delay Timer
programmed with a single resistor to frequencies up
to 2MHz. The oscillator can also be synchronized to
•
Cycle-by-Cycle Over-Current Protection
an external clock. A current sense input and a
•
Direct Opto-Coupler Interface
programmable timer provide cycle-by-cycle current
•
5V Reference Output
limit and adjustable hiccup mode overload protection.
The
differences
between
LM5035,
LM5035A,
PACKAGES
LM5035B, and LM5035C are summarized in Table 2.
•
HTSSOP-20
•
WQFN-24 (4mm x 5mm)
•
HTSSOP-28 (LM5035A-1 only)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5035AMHX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035AMHX NSC-LM5035AMHX Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035AMHX-1 NSC-LM5035AMHX-1 Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
More results

Similar Description - LM5035AMHX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com