Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF102
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF102_15 Datasheet HTML 2Page - Texas Instruments REF102_15 Datasheet HTML 3Page - Texas Instruments REF102_15 Datasheet HTML 4Page - Texas Instruments REF102_15 Datasheet HTML 5Page - Texas Instruments REF102_15 Datasheet HTML 6Page - Texas Instruments REF102_15 Datasheet HTML 7Page - Texas Instruments REF102_15 Datasheet HTML 8Page - Texas Instruments REF102_15 Datasheet HTML 9Page - Texas Instruments REF102_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REF102
6
SBVS022B
www.ti.com
INSTALLATION AND
OPERATING INSTRUCTIONS
BASIC CIRCUIT CONNECTION
Figure 2 shows the proper connection of the REF102. To
achieve the specified performance, pay careful attention to
layout. A low resistance star configuration will reduce voltage
errors, noise pickup, and noise coupled from the power
supply. Commons should be connected as indicated, being
sure to minimize interconnection resistances.
OPTIONAL OUTPUT VOLTAGE ADJUSTMENT
Optional output voltage adjustment circuits are shown in
Figures 3 and 4. Trimming the output voltage will change the
voltage drift by approximately 0.008ppm/
°C per mV of trimmed
voltage. In the circuit in Figure 3, any mismatch in TCR
between the two sections of the potentiometer will also affect
drift, but the effect of the
∆TCR is reduced by a factor of five
by the internal resistor divider. A high quality potentiometer,
with good mechanical stability, such as a cermet, should be
REF102
1
µF
Tantalum
+
R
L 1
R
L 2
R
L 3
V+
(1)
2
(2)
(2)
(1)
4
6
NOTES: (1) Lead resistances here of up to a few ohms have
negligible effect on performance. (2) A resistance of 0.1
Ω in
series with these leads will cause a 1mV error when the load
current is at its maximum of 10mA. This results in a 0.01%
error of 10V.
FIGURE 2. REF102 Installation.
REF102
1
µF
Tantalum
+
V+
2
4
20k
Output
Voltage
Adjust
Minimum range (
±300mV) and minimal
degradation of drift.
Ω
+10V
5
V
TRIM
6
V
OUT
FIGURE 3. REF102 Optional Output Voltage Adjust.
REF102
V+
2
4
20k
Output
Voltage
Adjust
Higher resolution, reduced range (typically
±25mV).
Ω
+10V
5
V
TRIM
6
V
OUT
R
S
1M
Ω
1
µF
Tantalum
+
FIGURE 4. REF102 Optional Output Voltage, Fine Adjust.
used. The circuit in Figure 3 has a minimum trim range of
±300mV. The circuit in Figure 4 has less range but provides
higher resolution. The mismatch in TCR between RS and the
internal resistors can introduce some slight drift. This effect
is minimized if RS is kept significantly larger than the 50kΩ
internal resistor. A TCR of 100ppm/
°C is normally sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com