Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF102
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102 Datasheet(HTML) 1 Page - Texas Instruments

  REF102_15 Datasheet HTML 1Page - Texas Instruments REF102_15 Datasheet HTML 2Page - Texas Instruments REF102_15 Datasheet HTML 3Page - Texas Instruments REF102_15 Datasheet HTML 4Page - Texas Instruments REF102_15 Datasheet HTML 5Page - Texas Instruments REF102_15 Datasheet HTML 6Page - Texas Instruments REF102_15 Datasheet HTML 7Page - Texas Instruments REF102_15 Datasheet HTML 8Page - Texas Instruments REF102_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REF102
SBVS022B – SEPTEMBER 2000 – REVISED JUNE 2009
FEATURES
q +10V
±0.0025V OUTPUT
q VERY LOW DRIFT: 2.5ppm/
°C max
q EXCELLENT STABILITY:
5ppm/1000hr typ
q EXCELLENT LINE REGULATION:
1ppm/V max
q EXCELLENT LOAD REGULATION:
10ppm/mA max
q LOW NOISE: 5
µV
PP typ, 0.1Hz to 10Hz
q WIDE SUPPLY RANGE: 11.4VDC to 36VDC
q LOW QUIESCENT CURRENT: 1.4mA max
q PACKAGE OPTIONS: PLASTIC DIP, SO-8
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2009, Texas Instruments Incorporated
10V Precision
Voltage Reference
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
APPLICATIONS
q PRECISION-CALIBRATED VOLTAGE
STANDARD
q D/A AND A/D CONVERTER REFERENCE
q PRECISION CURRENT REFERENCE
q ACCURATE COMPARATOR THRESHOLD
REFERENCE
q DIGITAL VOLTMETER
q TEST EQUIPMENT
q PC-BASED INSTRUMENTATION
DESCRIPTION
The REF102 is a precision 10V voltage reference. The drift
is laser-trimmed to 2.5ppm/
°C max C-grade over the indus-
trial temperature range. The REF102 achieves its precision
without a heater. This results in low power, fast warm-up,
excellent stability, and low noise. The output voltage is
extremely insensitive to both line and load variations and can
be externally adjusted with minimal effect on drift and
stability. Single-supply operation from 11.4V to 36V and
excellent overall specifications make the REF102 an ideal
choice for demanding instrumentation and system reference
applications.
–
+
A
R
2
R
3
R
4
R
6
R
1
R
5
1
50k
Ω
22k
Ω
7k
Ω
4k
Ω
8k
Ω
DZ
1
Noise
Reduction
Common
V
OUT
V+
Trim
14k
Ω
52
6
84
REF1
02
REF1
02
www.ti.com


Similar Part No. - REF102_15

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
REF1020151M100 AVX-REF1020151M100 Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results

Similar Description - REF102_15

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
10V Precision Voltage Reference
logo
Linear Technology
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
10V Precision Voltage Reference
Rev 2; 7/04
logo
Linear Technology
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
10V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com