Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5304 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5304
Description  Three-Phase Buck Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5304 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5304 Datasheet HTML 1Page - ON Semiconductor CS5304 Datasheet HTML 2Page - ON Semiconductor CS5304 Datasheet HTML 3Page - ON Semiconductor CS5304 Datasheet HTML 4Page - ON Semiconductor CS5304 Datasheet HTML 5Page - ON Semiconductor CS5304 Datasheet HTML 6Page - ON Semiconductor CS5304 Datasheet HTML 7Page - ON Semiconductor CS5304 Datasheet HTML 8Page - ON Semiconductor CS5304 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2011
September, 2011 − Rev. 0
1
Publication Order Number:
CS5304/D
CS5304
Three-Phase
Buck Controller with
Integrated Gate Drivers and
Power Good
The CS5304 is a three−phase step down controller which
incorporates all control functions required to power high performance
processors and high current power supplies. Proprietary multi−phase
architecture guarantees balanced load current distribution and reduces
overall solution cost in high current applications. Enhanced V2
t
control architecture provides the fastest possible transient response,
excellent overall regulation, and ease of use.
The CS5304 multi−phase architecture reduces output voltage and
input current ripple, allowing for a significant reduction in inductor
values and a corresponding increase in inductor current slew rate. This
approach allows a considerable reduction in input and output capacitor
requirements, as well as reducing overall solution size and cost.
Features
• Enhanced V2 Control Method
• 5−Bit DAC with 1% Accuracy
• Adjustable Output Voltage Positioning
• 6 On−Board Gate Drivers
• 200 kHz to 800 kHz Operation Set by Resistor
• Current Sensed through Buck Inductors, Sense Resistors, or V−S
Control
• Hiccup Mode Current Limit
• Individual Current Limits for Each Phase
• On−Board Current Sense Amplifiers
• 3.3 V, 1.0 mA Reference Output
• 5.0 V and/or 12 V Operation
• On/Off Control (through COMP Pin)
• Power Good Output
• Pb−Free Package is Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping†
ORDERING INFORMATION
PIN CONNECTIONS
SO−32WB
CASE 751P
DW SUFFIX
MARKING DIAGRAM
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
CS5304
AWLYYWWG
1
32
1
32
132
ROSC
COMP
VCCL
VFB
VCCL1
VDRP
GATE(L)1
CS1
GND1
CS2
Gate(H)1
CS3
VCCH12
CSREF
Gate(H)2
PWRGD
GND2
VID0
Gate(L)2
VID1
VCCL23
VID2
Gate(L)3
VID3
GND3
VID4
Gate(H)3
PWRGDS
VCCH3
ILIM
LGND
REF
http://onsemi.com
CS5304GDWR32G
SO−32
(Pb−Free)
1000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - CS5304

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5304

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5323-D ONSEMI-CS5323-D Datasheet
143Kb / 16P
Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP81274 ONSEMI-NCP81274 Datasheet
250Kb / 26P
Phase Buck Controller
September, 2016 ??Rev. 11
NCP81274 ONSEMI-NCP81274_17 Datasheet
214Kb / 26P
Phase Buck Controller
June, 2017 ??Rev. 14
NCP81276 ONSEMI-NCP81276 Datasheet
203Kb / 25P
Phase Buck Controller
September, 2017 ??Rev. 10
logo
celduc-relais
SGTA4650 CELDUC-SGTA4650 Datasheet
328Kb / 5P
THREE PHASE ANGLE CONTROLLER
SGTA4651 CELDUC-SGTA4651 Datasheet
324Kb / 5P
THREE PHASE ANGLE CONTROLLER
SGTA4653 CELDUC-SGTA4653 Datasheet
325Kb / 5P
THREE PHASE ANGLE CONTROLLER
SGTA4654 CELDUC-SGTA4654 Datasheet
327Kb / 5P
THREE PHASE ANGLE CONTROLLER
logo
uPI Group Inc.
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com