Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5304 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS5304
Description  Three-Phase Buck Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5304 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS5304 Datasheet HTML 11Page - ON Semiconductor CS5304 Datasheet HTML 12Page - ON Semiconductor CS5304 Datasheet HTML 13Page - ON Semiconductor CS5304 Datasheet HTML 14Page - ON Semiconductor CS5304 Datasheet HTML 15Page - ON Semiconductor CS5304 Datasheet HTML 16Page - ON Semiconductor CS5304 Datasheet HTML 17Page - ON Semiconductor CS5304 Datasheet HTML 18Page - ON Semiconductor CS5304 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
CS5304
http://onsemi.com
18
Current Limit
6. VILIM+ RL IOUT(LIM)
CS to ILIM Gain
+ 2.0 mW
75 A
6.5
+ 975 mV
Adaptive Positioning
7. RVFB + NL Position VFB Bias Current
+ 100 mV 6.0 mA + 16.7 kW
8. DVDRP+ RL IOUT
Current Sense to VDRP Gain
+ 2.0 mW
60 A
3.1
+ 372 mV
RVDRP + DVDRP
RVFB DVOUT
+ 372 mV
16.7 kW 75 mV
+ 82 kW
R12
20 K
COMP
VFB
VDRP
CS1
CS2
CS3
CSREF
PWRGD
VID0
VID1
VID2
VID3
VID4
PWRGDS
ROSC
VCCL
VCCL1
Gate(L)1
GND1
Gate(H)1
VCCH12
Gate(H)2
GND2
Gate(L)2
VCCL23
Gate(L)3
GND3
Gate(H)3
ILIM
REF
VCCH3
LGND
R1
3.09 k
R2
2.00 k
C5
0.1 mF
R7
30 k
CS2
C8
.01 mF
C7
.01 mF
CS3
R6
30 k
CS1
C6
.01 mF
R5
30 k
C9
.01 mF
VID0
VID1
VID2
VID3
VID4
PWRGD
10 k
R9
36.5 k
R8
191 k
Q3
Q4
CS2
L2
1.0 mF
Q5
Q6
CS3
L3
1.0 mF
Q1
Q2
CS1
L1
1.0 mF
C25−32
8 × 10 mF
C17−24
8 × 4SP560M
VCORE
C14
1.0 mF
+5.0 V
2 × 16SP180M
C15,16
300 nH
L4
+12 V
+
C2
1.0 mF
C3
1.0 mF
C1
1.0 mF
+5.0 V
BAT54S
D1
U1
R3
56.2 K
0.1 mF
C4
R10
10 K
C12
1.0 nF
C11
1.0 nF
+12 V
D2
BAS16LT1
Figure 16. Additional Application Diagram,
12 V to 1.75 V, 45 A for AMD AthlonE Processor
C10
1.0 nF
+5.0 V
R11
1.0 W
R4
BAT54S
D3
Q1−Q6, NTB85N03 or NTB85N03T4 by ON Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com