Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29040C Datasheet(PDF) 21 Page - AMIC Technology

Part # A29040C
Description  Uniform Sector Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29040C Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29040C Datasheet HTML 17Page - AMIC Technology A29040C Datasheet HTML 18Page - AMIC Technology A29040C Datasheet HTML 19Page - AMIC Technology A29040C Datasheet HTML 20Page - AMIC Technology A29040C Datasheet HTML 21Page - AMIC Technology A29040C Datasheet HTML 22Page - AMIC Technology A29040C Datasheet HTML 23Page - AMIC Technology A29040C Datasheet HTML 24Page - AMIC Technology A29040C Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
A29040C Series
(March, 2015, Version 1.1)
20
AMIC Technology, Corp.
Timing Waveforms for I/O2 vs. I/O6
AC Characteristics
Erase and Program Operations
Alternate
CE Controlled Writes
Parameter Symbols
Speed
JEDEC
Std
Description
-55
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
55
ns
tAVEL
tAS
Address Setup Time
Min.
0
ns
tELAX
tAH
Address Hold Time
Min.
40
ns
tDVEH
tDS
Data Setup Time
Min.
25
ns
tEHDX
tDH
Data Hold Time
Min.
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min.
0
ns
tWLEL
tWS
WE Setup Time
Min.
0
ns
tEHWH
tWH
WE Hold Time
Min.
0
ns
tELEH
tCP
Write Pulse Width
Min.
30
ns
tEHEL
tCPH
Write Pulse Width High
Min.
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ.
6
μs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ.
0.3
sec
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.
Enter
Embedded
Erasing
Erase
Suspend
Enter Erase
Suspend Program
Erase
Resume
WE
I/O6
I/O2
Erase
Erase Suspend
Read
Erase Suspend
Read
Erase
Erase
Complete
I/O2 and I/O6 toggle with OE and CE
Note : Both I/O6 and I/O2 toggle with OE or CE. See the text on I/O6 and I/O2 in the section "Write Operation Statue" for
more information.
Erase
Suspend
Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com