Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDV24VL Datasheet(PDF) 2 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 2 Page - AMIC Technology

  HDV24VL Datasheet HTML 1Page - AMIC Technology HDV24VL Datasheet HTML 2Page - AMIC Technology HDV24VL Datasheet HTML 3Page - AMIC Technology HDV24VL Datasheet HTML 4Page - AMIC Technology HDV24VL Datasheet HTML 5Page - AMIC Technology HDV24VL Datasheet HTML 6Page - AMIC Technology HDV24VL Datasheet HTML 7Page - AMIC Technology HDV24VL Datasheet HTML 8Page - AMIC Technology HDV24VL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 2 of 2
SRAM
Arbitration
Interrupt
Semaphore
Logic
Block Diagram of Dual Port Static RAM
4K x 16
I/O
Control
Address
Decoder
I/O
Control
Address
Decoder
BUSY
SEM
INTF
W
R/
UB
OE
LB
W
R/
OE
CE
CE
S
M/
I/O
8-15
I/O
0-7
A
11
A
0
BUSY
SEM
INTF
W
R/
UB
OE
LB
CE
I/O
8-15
I/O
0-7
A
11
A
0
W
R/
OE
CE
L
L
L
L
L
L
L
L
L
L
R
R
R
R
R
R
R
R
R
R
L
L
L
L
L
R
R
R
R
R
(1)
(1)
(1)
Figure 2. Device Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com