Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDV24VL Datasheet(PDF) 6 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 6 Page - AMIC Technology

Back Button HDV24VL Datasheet HTML 2Page - AMIC Technology HDV24VL Datasheet HTML 3Page - AMIC Technology HDV24VL Datasheet HTML 4Page - AMIC Technology HDV24VL Datasheet HTML 5Page - AMIC Technology HDV24VL Datasheet HTML 6Page - AMIC Technology HDV24VL Datasheet HTML 7Page - AMIC Technology HDV24VL Datasheet HTML 8Page - AMIC Technology HDV24VL Datasheet HTML 9Page - AMIC Technology HDV24VL Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 6 of 6
Power Consumption (Continued)
HDV24VL55
Symbol
Parameter
Conditions
Version
Typ.
Max.
Unit
ICC
Dynamic
Operating
Current (Both
Ports Active)
CE
_____
= VIL, Outputs
Disabled, SEM
________
=
VIH, f=fMAX
Industrial
VL
20
25
mA
ISB1
Standby
Current (Both
Ports – TTL
Level Inputs)
CE
_____
L
= CE
_____
R
= VIH,
SEM
________
R
= SEM
________
L
=
VIH, f=fMAX
Industrial
VL
5
10
mA
ISB2
Standby
Current (One
Port – TTL
Level Inputs)
CE
_____
A
= VIL and CE
_____
B
= VIH
Active Port Outputs
Disabled, f=FMAX,
SEM
________
R
= SEM
________
L
= VIH
Industrial
VL
15
20
mA
ISB3
Full Standby
Current (Both
Ports – All
CMOS Level
Inputs)
Both Ports CE
_____
L
and
CE
_____
R
> Vcc – 0.2V,
VIN > Vcc – 0.2V or
VIN < 0.2V, f = 0,
SEM
________
R
= SEM
________
L
>
Vcc – 0.2V
Industrial
VL
0.2
0.3
mA
ISB4
Standby
Current (One
Port – All
CMOS Level
Inputs)
CE
_____
A
< 0.2V and CE
_____
B
> Vcc – 0.2V, SEM
________
R
= SEM
________
L
> Vcc –
0.2V, Active Port
Outputs Disabled,
f=fMAX
Industrial
VL
12
15
mA
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load, clock = 15 ns
Refer to Figure 4
Output Load
(1), clock = 15ns,
20ns, 25ns, 30ns
Refer to Figure 5
Figure 5. Output Load
(for tLZ, tHZ, tWZ, tOW)
*Includes jig and scope capacitances.
Figure 4. AC Test Load
DATAOUT
BUSY
INTF
435
Ω
30pF*
590
Ω
2.8 V
DATAOUT
435
Ω
30pF*
590
Ω
2.8 V
(for tLZ, tHZ, tWZ, tOW)
NOTES:
1.
Include jig and scope capacitances
Table 4. AC Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com