Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3741 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3741
Description  Medium Power PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3741 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3741 Datasheet HTML 1Page - Microsemi Corporation 2N3741 Datasheet HTML 2Page - Microsemi Corporation 2N3741 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1041.PDF 03-12-99
2N3741
ABSOLUTE MAXIMUM RATINGS:
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
CHARACTERISTIC
VALUE
UNITS
VCEO*
Collector-Emitter Voltage
80
Vdc
VEB*
Emitter-Base Voltage
7.0
Vdc
VCB*
Collector-Base Voltage
80
Vdc
IC*
Peak Collector Current
10
Adc
IC*
Continuous Collector Current
4.0
Adc
IB*
Base Current
2.0
Adc
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
PD*
θθ JC
Total Device Dissipation
TC = 25°°C
Derate above 25
°°C
Thermal Impedance
25
0.143
7
Watts
W/
°°C
°°C/W
Medium Power
PNP Transistors
TO-66
APPLICATIONS:
•
Drivers
•
Switches
•
Medium-Power Amplifiers
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE
DIFFUSED PLANAR process. This technology produces high
voltage devices with excellent switching speeds, frequency
response, gain linearity, saturation voltages, high current gain,
and safe operating areas. They are intended for use in
Commercial, Industrial, and Military power switching, amplifier,
and regulator applications.
Ultrasonically bonded leads and controlled die mount
techniques are utilized to further increase the SOA capability
and inherent reliability of these devices. The temperature
range to 200
°°C permits reliable operation in high ambients, and
the hermetically sealed package insures maximum reliability
and long life.
*
Indicates JEDEC registered data.
FEATURES:
•
Low Saturation Voltage: 0.6 VCE(sat) @ IC = 1.0 Amp
•
High Gain Characteristics:
hFE @ IC = 250 mA: 30-100
•
Excellent Safe Area Limits
•
Complementary to NPN 2N3767 (2N3741)


Similar Part No. - 2N3741

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3741 MOSPEC-2N3741 Datasheet
120Kb / 3P
POWER TRANSISTORS(4A,25W)
logo
Boca Semiconductor Corp...
2N3741 BOCA-2N3741 Datasheet
125Kb / 3P
MEDIUM-POWER PNP TRANSISTORS
logo
Central Semiconductor C...
2N3741 CENTRAL-2N3741 Datasheet
86Kb / 1P
PNP SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N3741 MICROSEMI-2N3741 Datasheet
65Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3741 CENTRAL-2N3741 Datasheet
51Kb / 1P
Power Transistors
More results

Similar Description - 2N3741

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
Apr-2002
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
Medium Power PNP Transistors
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
MEDIUM POWER PNP TRANSISTORS
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com