Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3741 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3741
Description  Medium Power PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3741 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3741 Datasheet HTML 1Page - Microsemi Corporation 2N3741 Datasheet HTML 2Page - Microsemi Corporation 2N3741 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1041.PDF 03-12-99
2N3741
ELECTRICAL CHARACTERISTICS:
ELECTRICAL CHARACTERISTICS:
(25
°°Case Temperature Unless Otherwise Noted)
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Min.
Max.
Units
VCEO(sus)*
Collector-Emitter
Sustaining Voltage
IC = 100 mAdc, IB = 0 (Note 1)
80
----
Vdc
IEB0*
Emitter Base Cutoff
Current
VEB = 7.0 Vdc
----
0.5
mAdc
ICEX*
Collector Cutoff Current
VCE = 80 Vdc, VBE(off) = 1.5 Vdc
VCE = 60 Vdc, VBE(off) = 1.5 Vdc, TC = 150°°C
----
----
100
1.0
µµAdc
mAdc
ICEO*
Collector-Emitter Cutoff
Current
VCE = 60 Vdc, IB = 0
----
1.0
mAdc
ICBO*
Collector Base Cutoff
Current
VCB = 80 Vdc, IE = 0
----
100
µµAdc
hFE*
DC Current Gain
(Note 1)
IC = 100 mAdc, VCE = 1.0 Vdc
IC = 250 mAdc, VCE = 1.0 Vdc
IC = 500 mAdc, VCE = 1.0 Vdc
IC = 1.0 Adc, VCE = 1.0 Vdc
40
30
20
10
----
100
----
----
----
----
----
----
VCE(sat)*
Collector-Emitter
Saturation Voltage
(Note 1)
IC = 1.0 Adc, IB = 125 mAdc
----
0.6
Vdc
VBE*
Base-Emitter Voltage
(Note 1)
IC = 250 mAdc, VCE = 1.0 Vdc
----
1.0
Vdc
fT*
Current Gain Bandwidth
Product
IC = 100 mAdc, VCE = 10 Vdc, f = 1.0 MHz
3.0
----
MHz
hfe*
Small-Signal Current
Gain
IC = 50 mAdc, VCE = 10 Vdc, f = 1.0 kHz
25
----
----
Cob*
Common Base Output
Capacitance
VCB = 10 Vdc, IC = 0, f = 100 kHz
----
100
pF
Note 1: Pulse Test: PW
≤≤ 300µµs, Duty Cycle ≤≤ 2.0%
* Indicates JEDEC registered data.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com