Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4033 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4033
Description  PNP BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4033 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4033 Datasheet HTML 1Page - Microsemi Corporation 2N4033 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4033
80 Volts
1.0 Amps
Features
•
Meets MIL-S-19500/512
•
Collector-Base Voltage 80V
•
Collector Current: 1.0 A
•
Fast Switching 250 nS
RATING
SYMBOL
MAX.
UNIT
Collector-Emitter Voltage
VCEO
-80
Vdc
Collector-Base Voltage
VCBO
-80
Vdc
Emitter-Base Voltage
VEBO
-5.0
Vdc
Collector Current--Continuous
IC
-1.0
Adc
Total Device Dissipation
@ TA = 25
o
C
Derate above 25
o
C
PD
0.8
4.56
W
mW/
o
C
Total Device Dissipation
@ TC = 25
o
C
Derate above 25
o
C
PD
4.0
22.8
W
mW/
o
C
Operating Temperature Range
TJ
-55 to
+200
o
C
Storage Temperature Range
TS
-55 to
+200
o
C
Thermal Resistance, Junction to Ambient
RθJA
140
o
C/W
Thermal Resistance, Junction to Case
RθJC
25
o
C/W
Maximum Ratings
Datasheet# MSC0283A 5/23/97
PNP
BIPOLAR
TRANSISTOR
580 Pleasant St.
Watertown, MA 02172
PH: (617) 924-0404
FAX: (617) 924-1235
Mechanical Outline


Similar Part No. - 2N4033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
GENERAL PURPOSE AMPLIFIER AND SWITCH
Nov-1997
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
Type 2N4033 Geometry 6700 Polarity PNP
logo
Siemens Semiconductor G...
2N4033 SIEMENS-2N4033 Datasheet
139Kb / 5P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4033 BOCA-2N4033 Datasheet
52Kb / 2P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
More results

Similar Description - 2N4033

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
508Kb / 2P
PNP BIPOLAR TRANSISTOR
2N2907A MICROSEMI-2N2907A Datasheet
64Kb / 2P
PNP BIPOLAR TRANSISTOR
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
PNP BIPOLAR TRANSISTOR
logo
KODENSHI_AUK CORP.
SUTP052G KODENSHI-SUTP052G Datasheet
361Kb / 6P
Dual PNP Bipolar transistor
logo
Solid States Devices, I...
TR0089 SSDI-TR0089 Datasheet
34Kb / 2P
PNP POWER DARLINGTON BIPOLAR TRANSISTOR
logo
Taiwan Semiconductor Co...
2SA2029-Q TSC-2SA2029-Q Datasheet
706Kb / 3P
PNP Bipolar Transistor
logo
NXP Semiconductors
PHPT610030PK NXP-PHPT610030PK Datasheet
248Kb / 15P
PNP/PNP high power double bipolar transistor
22 October 2014
logo
Bruckewell Technology L...
BC807-40 BWTECH-BC807-40 Datasheet
439Kb / 5P
TRANSISTOR PNP BIPOLAR 45V
logo
STMicroelectronics
2STA1837 STMICROELECTRONICS-2STA1837 Datasheet
143Kb / 7P
PNP power bipolar transistor
01-Mar-2010
logo
GUANGDONG HOTTECH INDUS...
2SB507 HOTTECH-2SB507 Datasheet
471Kb / 3P
BIPOLAR TRANSISTOR (PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com