Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4033 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4033
Description  PNP BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4033 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4033 Datasheet HTML 1Page - Microsemi Corporation 2N4033 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Off Characteristics
Collector-Emitter Breakdown Voltage(1) (I C = -10 mA)
BVCEO
-80
--
V
Collector-Base Breakdown Voltage (I C = -10 µA)
BVCBO
-80
--
V
Emitter-Base Breakdown Voltage (I E = -10 uA)
BVEBO
-5.0
--
V
Collector Cutoff Current
(VCB = -60 V)
(VCB = -60 V, TA = 150
o
C)
ICBO
--
--
-10
-25
nA
uA
Emitter Cutoff Current (V EB = -3.0 V)
IEBO
--
-25
nA
D.C. Current Gain
(IC = -500 mA, VCE = -5.0 V @ -55
o
C)(1)
(IC = -100 µA, VCE = -5.0 V)
(IC = -100 mA, VCE = -5.0 V)(1)
(IC = -500 mA, VCE = -5.0 V)(1)
(IC = -1.0 A, VCE = -5 V)(1)
hFE
30
50
100
70
25
--
--
300
--
--
--
Collector-Emitter Saturation Voltage(1)
(IC = -150 mA, IB = -15 mA)
(IC = -500 mA, IB = -50 mA)
(Ic = -1.0A, IB = -100mA)
VCE(Sat)
--
--
--
-0.15
-0.50
1.0
V
Base-Emitter Saturation Voltage(1)
(IC = -150 mA, IB = -15 mA)
VBE(Sat)
--
-0.9
V
Base-Emitter On Voltage
(IC = -500 mA, VCE = - 0.5 V)(1)
VBE(Sat)
--
-1.2
V
Output Capacitance
(VCE = -10 V, 100kHz < f < 1.0MHz)
COBO
--
20
pF
Input Capacitance
(VCE = -0.5 V, 100kHz < f < 1.0 MHz)
CIBO
--
80
pF
Small Signal Current Gain
(IC = -50 mA, VCE = -10 V, f = 100 MHz)
/hfe/
1.5
6.0
Switching Speeds
Delay Time (Ic = 500mAdc; IB = 50mAdc)
Rise Time (Ic = 500mAdc; IB = 50mAdc)
Storage Time (Ic = 500mAdc; IB1 =IB2 = 50mAdc)
Fall Time (Ic = 500mAdc; IB1 = IB2 = 50mAdc)
td
tr
ts
tf
--
--
--
--
15
25
175
35
ns
Electrical Parameters (TA @ 25
°°C unless otherwise specified)
2N4033
Datasheet# MSC0283A 5/23/97



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com