Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40SL6 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 40SL6
Description  4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

40SL6 Datasheet(HTML) 1 Page - Microsemi Corporation

  40SL6 Datasheet HTML 1Page - Microsemi Corporation 40SL6 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 40SL6

ManufacturerPart #DatasheetDescription
logo
Weller Tools
40SA WELLER-40SA Datasheet
948Kb / 2P
SMD tweezers with round tips, dia. 0.4 mm/.015 Inch. Serrated finger grips for secure handling. For gripping small wires and cylindrical components.
logo
ABB
40SB4 ABB-40SB4 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
DIOTEC Electronics Corp...
40SDB DEC-40SDB Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
logo
Ohmite Mfg. Co.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
All-welded construction
logo
ABB
40SF3 ABB-40SF3 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
More results

Similar Description - 40SL6

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
60S MICROSEMI-60S Datasheet
100Kb / 2P
6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES
logo
Wing Shing Computer Com...
1N4936 WINGS-1N4936 Datasheet
48Kb / 3P
Axial-Lead Fast-Recovery Rectifier
1N4937 WINGS-1N4937 Datasheet
44Kb / 3P
Axial-Lead Fast-Recovery Rectifier
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Electronic devices inc.
RUS EDI-RUS Datasheet
43Kb / 2P
50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
logo
Semtech Corporation
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
logo
DIOTEC Electronics Corp...
DR820 DEC-DR820 Datasheet
85Kb / 1P
35 AMP LEAD MOUNT FAST RECOVERY BUTTON DIODES
logo
Semtech Corporation
2T2KF SEMTECH-2T2KF Datasheet
36Kb / 2P
2KV Diode, Axial Leaded Fast Recovery Rectifier Diodes
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
MUR410 SUNMATE-MUR410 Datasheet
195Kb / 2P
4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com