Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA24 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DMA24
Description  IGBTVSTM AC LINE TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DMA24 Datasheet(HTML) 1 Page - Microsemi Corporation

  DMA24 Datasheet HTML 1Page - Microsemi Corporation DMA24 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8700 E. Thomas Road
Scottsdale, AZ 85252
(480) 941-6300
CASE: Molded plastic, meets UL 94V-O
POLARITY: Cathode marked with +
INDUCTANCE: Less than 20 nH
TERMINALS: Corrosion resistant with hole spacings
to accommodate most high power IGBTs
IGB
TVS
TM
AC LINE
TRANSIENT
VOLTAGE
SUPPRESSOR
(FOR IGBT PROTECTION)
Santa Ana: (714) 979-8220
Scottscale: (602) 941-6300
Colorado: (303) 469-2161
Watertown: (617) 926-0404
Chatsworth: (818) 701-4933
Sertech Labs: (617) 924-9280
Ireland: (353) 65-40044
Bombay: (91) 22-832-002
Hong Kong: (852) 2692-1202
Features
• Protects From Load Switching In AC Applications
• For 120Vac, 240Vac and 440Vac Circuits
• Fits Terminal Spacing on Most IGBTs
• Fast Clamping – Subnanosecond
These devices will protect your IGBT in applications where it is
used in overload protection or switching ac loads. Transient
voltages produced when switching occurs in the positive one-half
of the cycle are clamped below the destruct level of the IGBT.
Unique low inductance shunt path virtually eliminates L(di/dt)
effects. Available as screened device for high reliability
applications. Includes burn-in and environmental tests.
Maximum Ratings @ 25°C
• 60kw peak pulse power dissipation for 120V @ 1.2/50µs
• 120kw peak pulse power dissipation for 240V @ 1.2/50µs
• 240kw peak pulse power dissipation for 440V @ 1.2/50µs
• Operating and storage -55°C to +150°C
• Shunt path inductance < 20nH
• Duty cycle – .01% max.
Electrical Characteristics @ 25°C
MSC
IGBT
d
1.00
2.54
0.5
1.25
0.5
1.25
.375
.952
2.00
5.08
+
Hole to
fit 8mm
dia. stud
Dimensions: inches/centimeters
d – Terminals accommodate
23 -28 mm spacing
AC rms
REVERSE
BREAKDOWN
MAXIMUM
MAXIMUM
MAXIMUM
MICROSEMI
OPERATING
STAND-OFF
VOLTAGE
REVERSE
CLAMPING
PEAK PULSE
PART NO.
VOLTAGE
NOTE 1
MIN / MAX
LEAKAGE
VOLTAGE
CURRENT
NOMINAL
(VWM)(VBR) NOTE 2
(ID)(VC)(IPP) NOTE 3
Vac
Vdc
V
µA
V
A
DMA12
120
175
200 / 225
5
280
200
DMA24
240
350
400 / 450
5
560
200
DMA44
440
640
735 / 900
5
1120
200
Notes:
1.Will withstand high-line conditions of 15% above nominal
voltage.
2.Test current @ 10 mA.
3.Pulse waveform – 1.2 / 50 µs.
Data Sheet MSC0294A 6/3/97


Similar Part No. - DMA24

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMA240YA1600NA ISC-DMA240YA1600NA Datasheet
598Kb / 3P
Standard Rectifier
DMA240YC1600NA ISC-DMA240YC1600NA Datasheet
598Kb / 3P
Standard Rectifier
More results

Similar Description - DMA24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
Bruckewell Technology L...
ESMF05 BWTECH-ESMF05 Datasheet
491Kb / 4P
4-Line Transient Voltage Suppressor Array
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05C ONSEMI-SMS05C_11 Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com