Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166HGDWR16 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5166HGDWR16
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166HGDWR16 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5166HGDWR16 Datasheet HTML 10Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 11Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 12Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 13Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 14Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 15Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 16Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 17Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CS5166H
http://onsemi.com
14
the Soft Start capacitor is charged to its upper 2.7 V
threshold. During an overload condition the Soft Start
charge/discharge current ratio sets the duty cycle for the
pulses (2.0 μA/60 μA = 3.3%), while actual duty cycle is half
that due to the extended off time mode (1.65%) when VFB
is less than 1.0 V. The Soft Start hiccup pulses last for a 3.0
ms period at the end of which the duty cycle repeats if a fault
is detected, otherwise normal operation resumes.
The protection scheme minimizes thermal stress to the
regulator components, input power supply, and PC board
traces, as the overcurrent condition persists. Upon removal
of the overload, the fault latch is cleared, allowing normal
operation to resume. The current limit trip point can be
adjusted through an external resistor, providing the user with
the current limit set−point flexibility.
Figure 19. Demonstration Board Hiccup Mode Short
Circuit Protection. Gate Pulses are Delivered While
the Soft Start Capacitor Charges, and Cease During
Discharge
M 25.0 ms
Trace 3− Soft Start Timing Capacitor (1.0 V/div.)
Trace 4− 5.0 V Supply Voltage (2.0 V/div.)
Trace 2− Inductor Switching Node (2.0 V/div.)
Figure 20. Demonstration Board Startup with
Regulator Output Shorted To Ground
M 50.0 μs
Trace 4− 5.0 V from PC Power Supply (2.0 V/div.)
Trace 2− Inductor Switching Node (2.0 V/div.)
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2 control topology and requires no
additional external components. The control loop responds
to an overvoltage condition within 100 ns, causing the top
MOSFET to shut off, disconnecting the regulator from it’s
input voltage. The bottom MOSFET is then activated,
resulting in a “crowbar” action to clamp the output voltage
and prevent damage to the load (see Figures 21 and 22 ). The
regulator will remain in this state until the overvoltage
condition ceases or the input voltage is pulled low. The
bottom FET and board trace must be properly designed to
implement the OVP function. If a dedicated OVP output is
required, it can be implemented using the circuit in Figure
23. In this figure the OVP signal will go high (overvoltage
condition), if the output voltage (VCORE) exceeds 20% of
the voltage set by the particular DAC code and provided that
PWRGD is low. It is also required that the overvoltage
condition be present for at least the PWRGD delay time for
the OVP signal to be activated. The resistor values shown in
Figure 23 are for VDAC = +2.8 V (DAC = 10111). The VOVP
(overvoltage trip−point) can be set using the following
equation:
VOVP + VBEQ3 1 ) R2
R1
Figure 21. OVP Response to an Input−to−Output
Short Circuit by Immediately Providing 0% Duty
Cycle, Crow−Barring the Input Voltage to Ground
M 10.0 μs
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 2− Inductor Switching Node 5.0 V/div.)
Trace 4− 5.0 V from PC Power Supply (5.0 V/div.)
Figure 22. OVP Response to an Input−to−Output Short
Circuit by Pulling the Input Voltage to Ground
M 5.00 ms
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 4− 5.0 V from PC Power Supply (2.0 V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com