Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166HGDWR16 Datasheet(PDF) 22 Page - ON Semiconductor

Part # CS5166HGDWR16
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166HGDWR16 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button CS5166HGDWR16 Datasheet HTML 17Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 18Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 19Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 20Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 21Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 22Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 23Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 24Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
CS5166H
http://onsemi.com
22
Figure 33. 15 A Load Transient Waveforms
Trace 1 = Output voltage ripple.
Trace 2 = Buck regulator #1 inductor switching node.
Trace 3 = Buck regulator #2 inductor switching node.
Figure 34. 30 A Load Waveforms
Trace 1 = Output voltage ripple.
Trace 2 = Buck regulator #1 inductor switching node.
Trace 3 = Buck regulator #2 inductor switching node.
Figure 33 shows supply response to a 15 A load step with
a 30 A/μs slew rate. The V2 control loop immediately forces
the duty cycle to 100%, ramping the current in both
inductors up. A voltage spike of 136 mV due to output
capacitor impedance occurs. The inductive component of
the spike due to ESL recovers within several microseconds.
The resistive component due to ESR decreases as inductor
current replaces capacitor current.
The benefit of adaptive voltage positioning in reducing
the voltage spike can readily be seen. The difference in DC
voltage and duty cycle can also be observed. This particular
transient occurred near the beginning of regulator off time,
resulting in a longer recovery time and increased voltage
spike.
Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the
inductor value will decrease output voltage ripple, but
degrade transient response.
Inductor Ripple Current
Ripple Current +
[(VIN * VOUT)
VOUT]
(Switching Frequency
L
VIN)
Example: VIN = +5.0 V, VOUT = +2.8 V, ILOAD = 14.2 A,
L = 1.2 μH, Freq = 200 kHz
Ripple Current +
[(5.0 V * 2.8 V)
2.8 V]
[200 kHz
1.2 mH
5.0 V] +
5.1 A
Output Ripple Voltage
VRIPPLE + Inductor Ripple Current
Output Capacitor ESR
Example:
VIN = +5.0 V, VOUT = +2.8 V, ILOAD = 14.2 A, L = 1.2 μH,
Switching Frequency = 200 kHz
Output Ripple Voltage = 5.1 A × Output Capacitor ESR
(from manufacturer’s specs)
ESR of Output Capacitors to limit Output Voltage Spikes
ESR + D
VOUT
DIOUT
This applies for current spikes that are faster than
regulator response time. Printed Circuit Board resistance
will add to the ESR of the output capacitors.
In order to limit spikes to 100 mV for a 14.2 A Load Step,
ESR = 0.1/14.2 = 0.007 Ω
Inductor Peak Current
Peak Current + Maximum Load Current )
Ripple Current
2
Example: VIN = +5.0 V, VOUT = +2.8 V, ILOAD = 14.2 A,
L = 1.2 μH, Freq = 200 kHz
Peak Current + 14.2 A ) (5.1 2) + 16.75 A
A key consideration is that the inductor must be able to
deliver the Peak Current at the switching frequency without
saturating.
Response Time to Load Increase
(limited by Inductor value unless Maximum On−Time is
exceeded)
Response Time +
L
DIOUT
(VIN * VOUT)
Example: VIN = +5.0 V, VOUT = +2.8 V, L = 1.2 μH, 14.2 A
change in Load Current
Response Time +
1.2 mH
14.2 A
(5.0 V * 2.8 V) +
7.7 ms
Response Time to Load Decrease
(limited by Inductor value)
Response Time +
L
Change in IOUT
VOUT
Example: VOUT = +2.8 V, 14.2 A change in Load Current,
L = 1.2 μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com