Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8121 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8121
Description  5V, 1A Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8121 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8121 Datasheet HTML 1Page - ON Semiconductor CS8121 Datasheet HTML 2Page - ON Semiconductor CS8121 Datasheet HTML 3Page - ON Semiconductor CS8121 Datasheet HTML 4Page - ON Semiconductor CS8121 Datasheet HTML 5Page - ON Semiconductor CS8121 Datasheet HTML 6Page - ON Semiconductor CS8121 Datasheet HTML 7Page - ON Semiconductor CS8121 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
5V ± 4% Output Voltage
s
Low Dropout Voltage
(1.2V @ 1A)
s
Low Quiescent Current
(4mA @ IOUT = 1A)
s
µP Compatible Control
Functions
s
Low Current Sleep Mode
IQ = 250µA
s
Fault Protection
Thermal Shutdown
Short Circuit
60V Peak Transient
Voltage
ENABLE
RESET
Package Options
5 Lead TO-220
1
5V, 1A Linear Regulator
with
and ENABLE
RESET
CS8121
Description
Block Diagram
1VIN
2
3 Gnd
4
5VOUT
RESET
ENABLE
7 Lead D2PAK
1
1NC
2VIN
3
4 Gnd
5
6VOUT
7VOUT(SENSE)
RESET
ENABLE
December, 2001 - Rev. 7
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS8121 is a 5V, 1A precision linear
regulator with two microprocessor
compatible control functions and pro-
tection circuitry included on chip. The
composite NPN-PNP output pass tran-
sistor assures a lower dropout voltage
(1.2V @ 1A) without requiring exces-
sive supply current (4mA).
The CS8121’s two logic control func-
tions make this regulator well suited to
applications requiring microprocessor-
based control at the board or module
level.
controls the output
stage. A high voltage (>2.9V) on
the
lead turns off the regula-
tor’s pass transistor and sends the IC
into Sleep mode where it draws only
250µA.
sends a
signal
when the IC is powering up or when-
ever the output voltage falls out of reg-
ulation. The
signal is valid
down to VOUT = 1V.
The CS8121 design optimizes supply
rejection by switching the internal
bandgap reference from the supply
input to the regulator output as soon as
the nominal output voltage is achieved.
Additional on chip filtering enhances
rejection of high frequency transients
on all external leads.
The CS8121 is fault protected against
short circuit, over voltage and thermal
runaway conditions.
RESET
RESET
RESET
ENABLE
ENABLE
Over
Voltage
Shutdown
RESET
Comparator
Error
Amplifier
TO VOUT
+
+
-
VREF
ENABLE
Comparator
Bandgap
Supply
Output
Current
Limit
Bandgap
Reference
Thermal
Shutdown
-
VIN
ENABLE
RESET
VOUT
Gnd
VOUT(SENSE)
5 Lead
TO-220


Similar Part No. - CS8121

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Cherry Semiconductor Co...
CS8121YDPS7 CHERRY-CS8121YDPS7 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8121YDPSR7 CHERRY-CS8121YDPSR7 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8121YT5 CHERRY-CS8121YT5 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
More results

Similar Description - CS8121

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
1A Positive Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
1A Bipolar Linear Regulator
VER 1.3
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
1A Bipolar Linear Regulator
VER 1.2
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
1A Bipolar Linear Regulator
2014/12/23
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
1A Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com