Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8121 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8121
Description  5V, 1A Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8121 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8121 Datasheet HTML 1Page - ON Semiconductor CS8121 Datasheet HTML 2Page - ON Semiconductor CS8121 Datasheet HTML 3Page - ON Semiconductor CS8121 Datasheet HTML 4Page - ON Semiconductor CS8121 Datasheet HTML 5Page - ON Semiconductor CS8121 Datasheet HTML 6Page - ON Semiconductor CS8121 Datasheet HTML 7Page - ON Semiconductor CS8121 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Lead Description
Typical Performance Characteristics
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Junction Temperature (˚C)
-40
-20
0
20
40
60
80
100
120 140 150
5.02
5.01
5
4.99
4.98
4.97
4.96
4.95
IOUT = 100mA
5.00V @ 25˚C
Output Voltage vs. Temperature
-35
-40
-45
-50
0
200
400
600
800
1A
-30
-25
-20
-15
-10
-5
0
–40
° C
25 ° C
125
° C
I
OUT (A)
V
IN =14V
Load Regulation vs. Output Current Over Temperature
VIN = 7 to 26V
-40˚C
125˚C
25˚C
50
40
30
20
10
0
-10
IOUT(A)
0
0.2
0.4
0.6
0.8
1A
Line Regulation vs. Output Current Over Temperature
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
0.2
0.6
0.9
1.0
0.1
0.3
0.5
0.4
0.7
0.8
IOUT (A)
-40
°C
25
°C
125
°C
Dropout Voltage vs. Output Current Over Temperature
7 Lead
5 Lead TO-220
D2PAK
1
NC
No Connection.
21
VIN
Supply voltage to IC, usually direct from the battery.
3
2
CMOS compatible logical. VOUT is disabled i.e. placed in a
high impedance state when ENABLE is high.
4
3
Gnd
Ground connection.
5
4
CMOS compatible output lead.
goes low whenever
VOUT falls out of regulation. The
delay is externally
programmed.
65
VOUT
Regulated output voltage, 5V (typ).
7VOUT(SENSE)
Remote sensing of output voltage.
RESET
RESET
RESET
ENABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com