Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8135 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8135
Description  Low Dropout Dual Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8135 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8135 Datasheet HTML 1Page - ON Semiconductor CS8135 Datasheet HTML 2Page - ON Semiconductor CS8135 Datasheet HTML 3Page - ON Semiconductor CS8135 Datasheet HTML 4Page - ON Semiconductor CS8135 Datasheet HTML 5Page - ON Semiconductor CS8135 Datasheet HTML 6Page - ON Semiconductor CS8135 Datasheet HTML 7Page - ON Semiconductor CS8135 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Typical Performance Characteristics
TO-220
1VIN
Supply voltage to IC, usually direct from battery.
2VOUT1
Regulated output voltage 5V, 500mA (typ) switched.
3
Gnd
Ground connection.
4
/ENABLE
CMOS compatible output lead,
goes low whenever
VOUT1 becomes unregulated. To use the ENABLE option, con-
nect the lead via a resistor to VIN (see app. notes).
5VOUT2
STANDBY output 5V, 10mA typ, always on.
RESET
RESET
Dropout Voltage vs. Output Current
Standby Dropout Voltage vs. Output Current
Output Voltage vs. Input Voltage
Standby Output Voltage vs. Input Voltage
Line Transient Response (VOUT1)
Line Transient Response (VOUT2)
10
TIME (
µs)
5
0
-5
-10
3
2
1
0
010
20
30
40
50
60
20
10
0
-10
-20
3
2
1
0
0
10
20
304050
60
TIME (
µs)
IOUT
1
=500mA
7
6
5
4
3
2
1
0
-1
-2
-40
-20
0
20
40
60
INPUT VOLTAGE (V)
RL=500Ω
7
6
5
4
3
2
1
0
-1
-2
-40
-20
0
20
40
60
INPUT VOLTAGE (V)
RL=10Ω
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
OUTPUT CURRENT (mA)
0
5
101520
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
OUTPUT CURRENT (mA)
0
200
400
600
800



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com