Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8135 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8135
Description  Low Dropout Dual Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8135 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8135 Datasheet HTML 1Page - ON Semiconductor CS8135 Datasheet HTML 2Page - ON Semiconductor CS8135 Datasheet HTML 3Page - ON Semiconductor CS8135 Datasheet HTML 4Page - ON Semiconductor CS8135 Datasheet HTML 5Page - ON Semiconductor CS8135 Datasheet HTML 6Page - ON Semiconductor CS8135 Datasheet HTML 7Page - ON Semiconductor CS8135 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Two Regulated Outputs
Primary Output 5V
± 5%; 500mA
Secondary Standby 5V
±5%; 10mA
s
Low Dropout Voltage
(0.6V at 0.5A)
s
ON/OFF Control
Option
s
Low Quiescent Drain
(<3mA)
s
RESET Option
s
Protection Features
Reverse Battery
60V Load Dump
-50V Reverse Transient
Short Circuit
Thermal Shutdown
Overvoltage Shutdown
Package Option
5 Lead TO-220
Tab (Gnd)
1
5V, 5V Low Dropout Dual Regulator
with
/ENABLE
RESET
CS8135
Description
Block Diagram
Absolute Maximum Ratings
1VIN
2VOUT1
3 Gnd
4/
ENABLE
5VOUT2
RESET
December, 2001 - Rev. 3
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS8135 is a low dropout, high cur-
rent, dual 5V linear regulator. The sec-
ondary 5V/10mA output is often used
for powering systems with standby
memory. Quiescent current drain is
less than 3mA when supplying 10mA
loads from the standby regulator.
In automotive applications, the CS8135
and all regulated circuits are protected
from reverse battery installations, as
well as two-battery jumps. During line
transients, such as a 60V load dump,
the 500mA output will automatically
shut down the primary output to pro-
tect both internal circuits and the load.
The standby regulator will continue to
power any standby load.
The CS8135 is packaged in a 5 lead
TO-220.
NOTE: The CS8135 is compatible with
the LM2935.
Input Voltage
Operating Range .....................................................................-0.5V to 26V
Load Dump ............................................................................................60V
Internal Power Dissipation ..................................................Internally Limited
Junction Temperature Range (TJ)............................................-40°C to +150°C
Storage Temperature Range ....................................................-65°C to +150°C
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260°C peak
Electrostatic Discharge (Human Body Model) ..........................................2kV
VIN
VOUT2
Gnd
VOUT1
RESET/
ENABLE
Output
Current
Limit
+
-
Output
Current
Limit
Over Voltage
Shutdown
+
-
+
-
Primary Output
Standby Output
+
-
Thermal
Shutdown
Bandgap
Reference


Similar Part No. - CS8135

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8135YT5 CHERRY-CS8135YT5 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8135YTHA5 CHERRY-CS8135YTHA5 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8135YTVA5 CHERRY-CS8135YTVA5 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
More results

Similar Description - CS8135

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
Low Dropout Dual Regulator
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H06K TOSHIBA-TAR8H06K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com