Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4215 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC4215
Description  HIGH SPEED PIN DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4215 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC4215 Datasheet HTML 1Page - Microsemi Corporation GC4215 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The GC4200 series are high speed (cathode base) PIN di-
odes made with high resistivity epitaxial silicon material.
These diodes are passivated with silicon dioxide for high
stability and reliability and have been proven by thou-
sands of device hours in high reliability systems.
These devices can withstand storage temperatures from
-65° to +200°C and will operate over the range from -55°
to +150°C. All devices meet or exceed military environ-
mental specifications of MIL-S-19500. The GC4200 se-
ries will operate with as little as +10 mA forward bias.
MODEL
NUMBER
BREAKDOWN VOLTAGE
(IR = 10µA MAX)
VB (MIN) (Volts)
JUNCTION
CAPACITANCE1
CJ-10 (MAX)
(pF)
SERIES RESISTANCE2
(20mA, 1 GHz)
RS20 (MAX)
(Ohms)
CARRIER LIFETIME
(I4=6mA, IF=10mA)
TL (TYP)
(nS)
THERMAL RESISTANCE
(MAX)
(°C/W)
GC4270
70
0.06
1.5
60
80
GC4271
70
0.10
1.0
60
70
GC4272
70
0.20
0.8
60
70
GC4273
70
0.30
0.7
60
60
GC4274
70
0.40
0.6
60
50
GC4275
70
0.50
0.5
60
40
GC4210
100
0.06
1.5
100
80
GC4211
100
0.10
1.0
100
70
GC4212
100
0.20
0.75
100
70
GC4213
100
0.30
0.6
100
60
GC4214
100
0.40
0.5
100
50
GC4215
100
0.50
0.35
100
40
GC4220
250
0.06
2.5
400
80
GC4221
250
0.10
2.0
400
70
GC4222
250
0.20
1.5
400
70
GC4223
250
0.30
1.0
400
60
GC4224
250
0.40
0.8
400
50
GC4225
250
0.50
0.6
400
40
RATINGS
Maximum Leakage Current: 0.5µA at 80%of minimum
rated breakdown
Operating Temperature:
-55°C to +150°C
Storage Temperature:
-65°C to +200°C
APPLICATIONS
The GC4200 series can be used in RF circuits as an on/off
element, as a switch, or as a current controlled resistor
in attenuators extending over the frequency range from
UHF through Ku band.
Switch applications include high speed switches (ECM
systems), TR switches, channel or antenna selection
switches (telecommunications), duplexers (radar) and
digital phase shifters (phased arrays).
The GC4200 series are also used as passive and active
limiters for low to moderate RF power levels.
Attenuator type applications include amplitude modula-
tors, AGC attenuators, power levelers and level set attenua-
HIGH SPEED PIN DIODES
The tabulated specifications above are for the style 30
package. Diodes may also be available in other case
styles.
Each type offers trade offs in series resistance, junction
capacitance and carrier lifetime; the proper choice of
which depends on the end application. Reverse polarity
diodes (NIP) and higher voltage PIN and NIP diodes are
also available. (See data sheets for GC4300, GC4400,
and GC4500 series respectively.)
Notes:
1. Capacitance is measured at 1 MHz and -10 volts.
2. Resistance is measured using transmission loss techniques.
3. This series of devices is available in standard case styles 00, 15, 30, 35 and 85, plus other styles on request.
ELECTRICAL SPECIFICATIONS: TA = 25°C
SEMICONDUCTOR OPERATION
75 Technology Drive • Lowell, MA 01851 • Tel: 978-442-5600 • Fax: 978-937-3748
71
Control Devices
TOC


Similar Part No. - GC4215

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4215 MICROSEMI-GC4215 Datasheet
140Kb / 4P
TM CONTROL DEVICES - HIGH SPEED PIN DIODES
More results

Similar Description - GC4215

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
High-speed diodes
1999 May 25
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
High-speed diodes
1996 Sep 03
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
High-speed diodes
1996 Sep 18
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
High-speed diodes
1996 Apr 15
logo
Microsemi Corporation
GC4210 MICROSEMI-GC4210 Datasheet
140Kb / 4P
TM CONTROL DEVICES - HIGH SPEED PIN DIODES
logo
NXP Semiconductors
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
High-speed diodes
1996 Sep 03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com