Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5705AA Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5705AA
Description  Analog Watch Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5705AA Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5705AA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CF5705 series
NIPPON PRECISION CIRCUITS—4
Measurement Circuit
Cr ystal: f = 32.768 kHz, CI = 20 k
Ω, C0 = 1.3pF, C1 = 2.6fF
XTN
TEST
X'tal
VSS
VDD
RESET
CTR
XT
OUT2
OUT1
A
CD
A
IMOT
RL
IRST



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com