Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5705AA Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5705AA
Description  Analog Watch Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5705AA Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5705AA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5705AA Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CF5705 series
NIPPON PRECISION CIRCUITS—2
PAD DIMENSIONS (Top view)
PAD COORDINATES
BLOCK DIAGRAM
PAD DESCRIPTION
Pin number : Refer to Series lineup.
Chip size: 1.000
× 1.060 m m
Chip thickness: 220
µm
P ad size: 100
× 100 µm
R e verse side: V DD level
(0,0)
(1000,1060)
1
NPC
2
3
4
5
6
7
8
Number
X (
µm)
Y (
µm)
1
155
785
2
155
597
3
155
363
4
155
175
5
844
175
6
844
363
7
844
694
8
844
882
XTN
TEST
RESET
XT
OUT2
OUT1
32kHz
Oscillator
Voltage
regulator
Divider and
Output buffer control
Name
Description
V S S
Negative supply voltage
V D D
P ositive supply voltage
X T
Cr ystal oscillator circuit input
X T N
Cr ystal oscillator circuit output
OUT1
Stepping motor driver output 1
OUT2
Stepping motor driver output 2
RESET
Reset input
TEST
Test mode select. 512 Hz clock output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com