Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663CN Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1663CN
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663CN Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1663CN Datasheet HTML 6Page - Microsemi Corporation LX1663CN Datasheet HTML 7Page - Microsemi Corporation LX1663CN Datasheet HTML 8Page - Microsemi Corporation LX1663CN Datasheet HTML 9Page - Microsemi Corporation LX1663CN Datasheet HTML 10Page - Microsemi Corporation LX1663CN Datasheet HTML 11Page - Microsemi Corporation LX1663CN Datasheet HTML 12Page - Microsemi Corporation LX1663CN Datasheet HTML 13Page - Microsemi Corporation LX1663CN Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.1 11/99
10
P RODUCTION D ATA S HEET
FIGURE 8 — Pentium II Processor Application With OVP, Power Good And Loss-Less Current Sensing (Synchronous)
SS
TDRV
V
CC
INV
V
CC_CORE
VID0
VID1
VID2
VID3
OV
C
T
BDRV
GND
V
C1
U1
LX1663
VID3
C
5
1µF
12V
R
S
V
OUT
5V
16-pin
Narrow Body SOIC
Q
1
IRL3102
L
1, 2.5µH
6.3V, 1500µF x 3**
16
15
14
13
12
11
1
2
3
4
5
6
7
10
C
8
680pF
VID2
VID1
VID0
VID4
C
3
0.1µF
Supply Voltage
for CPU Core
6.3V
1500µF x3
** Three capacitors for Pentium
Four capacitors for Pentium II
Q
2
IRL3303
VID4
PWRGD
89
OV
PWRGD
C
2
C
1
F
1
20A
C
S
APPLICA TION INFORMATION
FIGURE 9 — Full-Featured Pentium II Processor Supply With 12V Power Input
SS
TDRV
V
CC
INV
V
CC_CORE
VID0
VID1
VID2
VID3
OV
C
T
BDRV
GND
V
C1
U1
LX1663
VID3
C
9
1µF
12V
R
1
V
OUT
16-pin
Narrow Body SOIC
Q
1
IRL3102
L
1, 2.5µH
6.3V, 1500µF x 3**
16
15
14
13
12
11
1
2
3
4
5
6
7
10
C
8, 1200pF
VID2
VID1
VID0
VID4
C
3
0.1µF
2.5m
9
Supply Voltage
for CPU Core
16V
1500µF x3
** Three capacitors for Pentium
Four capacitors for Pentium II
Q
2
IRL3303
VID4
PWRGD
89
PWRGD
R
2
10k
Q
3
SCR
2N6504
C
10
0.1µF
R
7
10
D
3
1N4148
D
2
1N4148
C
2
C
1
C
10, 1µF
D
4
1N5817
F
1 20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com