Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663CN Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1663CN
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663CN Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1663CN Datasheet HTML 7Page - Microsemi Corporation LX1663CN Datasheet HTML 8Page - Microsemi Corporation LX1663CN Datasheet HTML 9Page - Microsemi Corporation LX1663CN Datasheet HTML 10Page - Microsemi Corporation LX1663CN Datasheet HTML 11Page - Microsemi Corporation LX1663CN Datasheet HTML 12Page - Microsemi Corporation LX1663CN Datasheet HTML 13Page - Microsemi Corporation LX1663CN Datasheet HTML 14Page - Microsemi Corporation LX1663CN Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
11
Copyright © 1999
Rev. 1.1 11/99
P RODUCTION D ATA S HEET
BILL OF MATERIALS
C
2
1500µF, 6.3V capacitor
MV-GX Sanyo
2
C
1
1500µF, 6.3V capacitor
MV-GX Sanyo
4
C
8
680pF
SMD Cap
1
C
3
0.1µF
SMD Cap
1
C
5
1µF, 16V
SMD Ceramic
1
L
1
5µF Inductor
HM0096832 BI
1
L
2
1µF Inductor
1
Q
1
MOSFET
IRL3102 International Rectifier or equivalent
1
Q
2
MOSFET
IRL3303 International Rectifier or equivalent
1
R
1
2.5mΩ Sense Resistor (PCB trace)
1
U1
Controller IC
LX1662CD Linfinity
1
Total
15
Ref
Description
Part Number / Manufacturer
Qty.
LX1662 Bill of Materials (Refer to Product Highlight)
USING THE LX1662/63
DEVICES
The LX1662/63 devices are very easy to design with, requiring
only a few simple calculations to implement a given design. The
following procedures and considerations should provide effec-
tive operation for virtually all applications. Refer to the Appli-
cation Information section for component reference designa-
tors.
TIMING CAPACITOR SELECTION
The frequency of operation of the LX166x is a function of duty
cycle and OFF-time. The OFF-time is proportional to the timing
capacitor (which is shown as C
8 in all application schematics in
this data sheet), and is modulated to minimize frequency
variations with duty cycle. The frequency is constant, during
steady-state operation, due to the modulation of the OFF-time.
The timing capacitor (C
T)
should be selected using the
following equation:
C
T =
Where I
DIS is fixed at 200µA and fS is the switching frequency
(recommended to be around 200kHz for optimal operation and
component selection).
When using a 5V input voltage, the switching frequency (f
S)
can be approximated as follows:
C
T = 0.621 *
Choosing a 680pF capacitor will result in an operating
frequency of 183kHz at V
OUT = 2.8V.
When a 12V power input
is used, he capacitor value must be changed (the optimal timing
capacitor for 12V input will be in the range of 1000-1500pF).
L
1 OUTPUT INDUCTOR SELECTION
The inductance value chosen determines the ripple current
present at the output of the power supply. Size the inductance
to allow a nominal ±10% swing above and below the nominal DC
load current, using the equation L = V
L * ∆T/∆I, where ∆T is the
OFF-time, V
L is the voltage across the inductor during the OFF-
time, and
∆I is peak-to-peak ripple current in the inductor. Be
sure to select a high-frequency core material which can handle
the DC current, such as 3C8, which is sized for the correct power
level. Typical inductance values can range from 2 to 10µH.
Note that ripple current will increase with a smaller inductor.
Exceeding the ripple current rating of the capacitors could cause
reliability problems.
(1 - V
OUT /VIN ) * IDIS
f
S (1.52 - 0.29* VOUT)
I
DIS
f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com