Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663ACN Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1663ACN
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663ACN Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1663ACN Datasheet HTML 1Page - Microsemi Corporation LX1663ACN Datasheet HTML 2Page - Microsemi Corporation LX1663ACN Datasheet HTML 3Page - Microsemi Corporation LX1663ACN Datasheet HTML 4Page - Microsemi Corporation LX1663ACN Datasheet HTML 5Page - Microsemi Corporation LX1663ACN Datasheet HTML 6Page - Microsemi Corporation LX1663ACN Datasheet HTML 7Page - Microsemi Corporation LX1663ACN Datasheet HTML 8Page - Microsemi Corporation LX1663ACN Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.1 11/99
P RODUCTION D ATA S HEET
CHARACTERISTICS CUR VES
70
75
80
85
90
95
12
34
56
7
8
9
10
11
12
13
14
IOUT (A)
EFFICIENCY AT 3.1V
EFFICIENCY AT 2.8V
EFFICIENCY AT 1.8V
Output Set Point
FIGURE 2 — Efficiency Test Results:
Non-Synchronous Operation, V
IN
= 5V
FIGURE 3 — Efficiency Test Results:
Synchronous Operation, V
IN
= 5V
FIGURE 4 — Efficiency Test Results: Synchronous Operation, V
IN = 12V.
Note: Non-synchronous operation not recommended for 12V operation, due to power loss in Schottky diode.
60
65
70
75
80
85
90
12
34
56
78
9
10
11
12
13
14
IOUT (A)
1.8V EFFICIENCY
2.8V EFFICIENCY
3.3V EFFICIENCY
Output Set Point
70
75
80
85
90
95
100
1
2345
67
89
10
11
12
13
14
IOUT (A)
EFFICIENCY AT 3.1V
EFFICIENCY AT 2.8V
EFFICIENCY AT 1.8V
Output Set Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com