Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663ACN Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1663ACN
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663ACN Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1663ACN Datasheet HTML 5Page - Microsemi Corporation LX1663ACN Datasheet HTML 6Page - Microsemi Corporation LX1663ACN Datasheet HTML 7Page - Microsemi Corporation LX1663ACN Datasheet HTML 8Page - Microsemi Corporation LX1663ACN Datasheet HTML 9Page - Microsemi Corporation LX1663ACN Datasheet HTML 10Page - Microsemi Corporation LX1663ACN Datasheet HTML 11Page - Microsemi Corporation LX1663ACN Datasheet HTML 12Page - Microsemi Corporation LX1663ACN Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.1 11/99
P RODUCTION D ATA S HEET
APPLICA TION INFORMATION
FIGURE 6 — LX1662 In A Pentium / Pentium II Processor Single Chip Power Supply Controller
Solution With Loss-Less Current Sensing (Synchronous)
SS
TDRV
V
CC
INV
V
CC_CORE
VID0
VID1
VID2
VID3
VID4
C
T
BDRV
GND
V
C1
U1
LX1662
VID3
C
5
1µF
12V
R
S
V
OUT
5V
14-pin, Narrow Body SOIC
Q
1
IRL3102
L
1, 2.5µH
6.3V, 1500µF x 3**
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C
8
680pF
VID2
VID1
VID0
VID4
C
3
0.1µF
Supply Voltage
for CPU Core
6.3V
1500µF x3
** Three capacitors for Pentium
Four capacitors for Pentium II
Q
2
IRL3303
C
1
C
2
C
S
L
2
1µH
FIGURE 7 — LX1662 In A Non-Synchronous Pentium / Socket 7 Power Supply Application
SS
TDRV
V
CC
INV
V
CC_CORE
VID0
VID1
VID2
VID3
VID4
C
T
BDRV
GND
V
C1
U1
LX1662
VID3
C
5
1µF
12V
R
1
V
OUT
5V
14-pin, Narrow Body SOIC
Q
1
IRL3102
L
1, 5µH
6.3V, 1500µF x 3**
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C
8
680pF
VID2
VID1
VID0
VID4
C
3
0.1µF
0.005
Supply Voltage
for CPU Core
6.3V
1500µF x3
** Three capacitors for Pentium
Four capacitors for Pentium II
C
2
C
1
D
1
MBR2535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com