Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2055A Datasheet(PDF) 9 Page - ON Semiconductor

Part # ENA2055A
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2055A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ENA2055A Datasheet HTML 5Page - ON Semiconductor ENA2055A Datasheet HTML 6Page - ON Semiconductor ENA2055A Datasheet HTML 7Page - ON Semiconductor ENA2055A Datasheet HTML 8Page - ON Semiconductor ENA2055A Datasheet HTML 9Page - ON Semiconductor ENA2055A Datasheet HTML 10Page - ON Semiconductor ENA2055A Datasheet HTML 11Page - ON Semiconductor ENA2055A Datasheet HTML 12Page - ON Semiconductor ENA2055A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LC87F0N04A
No.A2055-9/19
Absolute Maximum Ratings
at Ta = 25
C, VSS1 =0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1
-0.3
+6.5
V
Input voltage
VI
RES
-0.3
VDD+0.3
Input/output
voltage
VIO
Ports 0, 1
-0.3
VDD+0.3
Peak output
current
IOPH(1)
Ports 0, 1
CMOS output select
Per 1 applicable pin
-10
mA
Mean output
current
(Note 1-1)
IOMH(1)
Ports 0, 1
CMOS output select
Per 1 applicable pin
-7.5
Total output
current
IOAH(1)
Ports 0
Total of all applicable pins
-25
IOAH(2)
Ports 1
Total of all applicable pins
-25
Peak output
current
IOPL(1)
Ports0, 1
Per 1 applicable pin
20
Mean output
current
(Note 1-1)
IOML(1)
Ports 0, 1
Per 1 applicable pin
15
Total output
current
IOAL(1)
Ports 0
Total of all applicable pins
45
IOAL(2)
Ports 1
Total of all applicable pins
45
Power dissipation
Pdmax
SSOP16
Ta=-40 to +85
C
Package with thermal
resistance board
(Note 1-2)
238
mW
Operating ambient
temperature
Topr
-40
+85
C
Storage ambient
temperature
Tstg
-55
+125
Note 1-1: The mean output current is a mean value measured over 100ms.
Note 1-2: SEMI standards thermal resistance board (size: 76.1
114.31.6tmm, glass epoxy) is used.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com