Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2055A Datasheet(PDF) 13 Page - ON Semiconductor

Part # ENA2055A
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2055A Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ENA2055A Datasheet HTML 9Page - ON Semiconductor ENA2055A Datasheet HTML 10Page - ON Semiconductor ENA2055A Datasheet HTML 11Page - ON Semiconductor ENA2055A Datasheet HTML 12Page - ON Semiconductor ENA2055A Datasheet HTML 13Page - ON Semiconductor ENA2055A Datasheet HTML 14Page - ON Semiconductor ENA2055A Datasheet HTML 15Page - ON Semiconductor ENA2055A Datasheet HTML 16Page - ON Semiconductor ENA2055A Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LC87F0N04A
No.A2055-13/19
AD Converter Characteristics
at VSS1 = 0V
<10bits AD Converter Mode/Ta = -40
C to +85C >
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Resolution
N
AN0(P10) to
AN3(P13)
AN4(P16)
AN5(P17)
2.8 to 5.5
10
bit
Absolute
accuracy
ET
(Note 6-1)
2.8 to 5.5
4
LSB
Conversion time
TCAD
 See Conversion time calculation
formulas. (Note 6-2)
4.0 to 5.5
7.8
65.6
s
2.8 to 5.5
15
65.6
Analog input
voltage range
VAIN
2.8 to 5.5
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
2.8 to 5.5
1
A
IAINL
VAIN=VSS
2.8 to 5.5
-1
<8bits AD Converter Mode/Ta = -40
C to +85C >
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Resolution
N
AN0(P10) to
AN3(P13)
AN4(P16)
AN5(P17)
2.8 to 5.5
8
bit
Absolute
accuracy
ET
(Note 6-1)
2.8 to 5.5
1.5
LSB
Conversion time
TCAD
 See Conversion time calculation
formulas. (Note 6-2)
4.0 to 5.5
2.85
25.0
s
2.8 to 5.5
5.5
25.0
Analog input
voltage range
VAIN
2.8 to 5.5
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
2.8 to 5.5
1
A
IAINL
VAIN=VSS
2.8 to 5.5
-1
Conversion time calculation formulas:
10bits AD Converter Mode: TCAD(Conversion time) = ((40/(AD division ratio))+2)
(1/3)tCYC
8bits AD Converter Mode: TCAD(Conversion time) = ((28/(AD division ratio))+2)
(1/3)tCYC
External
oscillation
(FmMRC)
Operating supply
voltage range
(VDD)
System division ratio
(SYSDIV)
Cycle time
(tCYC)
AD division ratio
(ADDIV)
AD conversion time
(TCAD)
10bit AD
8bit AD
10bit AD
8bit AD
10MHz
4.0V to 5.5V
1/1
300ns
1/2
1/1
8.5
s
2.9
s
2.8V to 5.5V
1/1
300ns
1/4
1/2
17
s
5.8
s
Note 6-1: The quantization error (±1/2LSB) must be excluded from the absolute accuracy. The absolute accuracy must
be measured in the microcontroller's state in which no I/O operations occur at the pins adjacent to the analog
input channel.
Note 6-2: The conversion time refers to the period from the time an instruction for starting a conversion process till the
time the conversion results register(s) are loaded with a complete digital conversion value corresponding to
the analog input value.
The conversion time is 2 times the normal-time conversion time when:
The first AD conversion is performed in the 10-bit AD conversion mode after a system reset.
The first AD conversion is performed after the AD conversion mode is switched from 8-bit to 10-bit
conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com