Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6431BCLP Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX6431BCLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431BCLP Datasheet(HTML) 4 Page - Microsemi Corporation

  LX6431BCLP Datasheet HTML 1Page - Microsemi Corporation LX6431BCLP Datasheet HTML 2Page - Microsemi Corporation LX6431BCLP Datasheet HTML 3Page - Microsemi Corporation LX6431BCLP Datasheet HTML 4Page - Microsemi Corporation LX6431BCLP Datasheet HTML 5Page - Microsemi Corporation LX6431BCLP Datasheet HTML 6Page - Microsemi Corporation LX6431BCLP Datasheet HTML 7Page - Microsemi Corporation LX6431BCLP Datasheet HTML 8Page - Microsemi Corporation LX6431BCLP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.4
6/99
4
P RODUCTION D AT A S HEET
GRAPH / CURVE INDEX
Characteristic Curves
FIGURE #
1.
REFERENCE VOLTAGE vs. FREE-AIR TEMPERATURE
2.
REFERENCE CURRENT vs. FREE-AIR TEMPERATURE
3.
CATHODE CURRENT vs. CATHODE VOLTAGE
4.
OFF-STATE CATHODE CURRENT vs. FREE-AIR TEMPERATURE
5.
RATIO OF DELTA REFERENCE VOLTAGE TO DELTA CATHODE
VOLTAGE vs. FREE-AIR TEMPERATURE
6.
EQUIVALENT INPUT NOISE VOLTAGE vs. FREQUENCY
FIGURE INDEX
Application Information
FIGURE #
7.
COMPARISON OF REFERENCE RESISTOR VALUES BETWEEN AN
LX6431B AND A TL1431. Resistors used with the LX6431B are 5
times higher in value.
8.
COMPARISON OF REFERENCE RESISTOR VALUES BETWEEN AN
LX6431B AND A TL1431. When used as 0.5%, 5V shunt
regulators.
Parameter Measurement Information
FIGURE #
9.
TEST CIRCUIT FOR V
KA = VREF
10. TEST CIRCUIT FOR V
KA > VREF
11. TEST CIRCUIT FOR I
OFF
Typical Characteristics
FIGURE #
12. EQUIVALENT INPUT NOISE VOLTAGE OVER A 10-SECOND PERIOD
13. SMALL-SIGNAL VOLTAGE AMPLIFICATION vs. FREQUENCY
14. REFERENCE IMPEDANCE vs. FREQUENCY
15. PULSE RESPONSE
16.
DIFFERENTIAL VOLTAGE AMPLIFICATION vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com