Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6431BCLP Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX6431BCLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431BCLP Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX6431BCLP Datasheet HTML 3Page - Microsemi Corporation LX6431BCLP Datasheet HTML 4Page - Microsemi Corporation LX6431BCLP Datasheet HTML 5Page - Microsemi Corporation LX6431BCLP Datasheet HTML 6Page - Microsemi Corporation LX6431BCLP Datasheet HTML 7Page - Microsemi Corporation LX6431BCLP Datasheet HTML 8Page - Microsemi Corporation LX6431BCLP Datasheet HTML 9Page - Microsemi Corporation LX6431BCLP Datasheet HTML 10Page - Microsemi Corporation LX6431BCLP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
11
Copyright © 1999
Rev. 1.4
6/99
P RODUCTION D AT A S HEET
TYPICAL CHARACTERISTICS
FIGURE 15. — PULSE RESPONSE
05
0
(t) Time - (µs)
6
2
1
2
2
13
4
4
1
0
3
3
5
6
GND
Output
220
W
50
W
Pulse
Generator
f = 100kHz
Test Circuit for Pulse Response
FIGURE 16. — DIFFERENTIAL VOLTAGE AMPLIFICATION
vs. FREQUENCY
10µF
C
1
R1
100K
R2
100K
+35V
R4
2
W
R3
1K
10µF
C
2
To Network
Analyzer as
DUT Output Port
To Network
Analyzer as DUT
Input Port with
10X Probe
DUT is bias at 30mA and 5V
Frequency - (Hz)
-50
1k
10k
100k
1M
50
180
Phase Shift
G
M/20
90
-90
0
-180
30
10
-10
0
-30
Test Setup for Measuring A
VD vs. Frequency
PRODUCTION DATA - Information contained in this document is proprietary to LinFinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com