Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1653-01 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1653-01
Description  FLOATING OUTPUT DRIVE, CCFL INVERTER MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1653-01 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1653-01 Datasheet HTML 1Page - Microsemi Corporation LXM1653-01 Datasheet HTML 2Page - Microsemi Corporation LXM1653-01 Datasheet HTML 3Page - Microsemi Corporation LXM1653-01 Datasheet HTML 4Page - Microsemi Corporation LXM1653-01 Datasheet HTML 5Page - Microsemi Corporation LXM1653-01 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FLOATING OUTPUT DRIVE, CCFL INVERTER MODULES
LXM1653-01
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1997
Rev. 0.1
3/97
P RELIMINAR Y D AT A S HEET
P A TENT P ENDING
FUNCTIONAL PIN DESCRIPTION
Conn.
Pin
Description
V
IN
Input voltage. (+6.5 to +18V
DC )
GND
Power supply return.
SLEEP
Logical high on this pin enables inverter operation. Logical low removes power from the module and
the lamp. A floating input is sensed as a logical low and will disable inverter operation. If not used,
connect SLEEP to V
IN.
BRITE
Brightness control input. Apply 0.0 to 2.0 volts DC to control lamp brightness. Lamp current varies
linearly with input voltage. Open circuit or 2.0V gives maximum brightness. This input may also be
driven with a PWM logic signal. See Application Notes Section.
AGND
Brightness control signal return. For best results do not run V
IN power supply return current through this pin.
V
REF
Reference Voltage Output. 2.5V @ 500µA max. For use with external dimming circuit.
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
CN1-6
CN1-7
CN1-8
CN1
CN2
CN2-1
CN2-2
LAMP HI
High-voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length. Do
not connect to ground.
LAMP LO
High-voltage connection to low side of lamp. Connect to lamp terminal with longer lead length.
This lead may be safely connected to ground, but may not result in specified performance depending on
system wiring and lamp characteristics.
APPLICA TION DIAGRAM
FIGURE 1 — MAXIMUM LAMP CURRENT vs. INPUT VOLTAGE FOR TYPICAL LAMP VOLTAGES
V
IN - (Volts DC)
6
78
9
10
18
3.0
4.0
5.0
6.0
8.0
9.0
7.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com