Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1653-01 Datasheet (PDF) - Microsemi Corporation

LXM1653-01 Datasheet PDF - Microsemi Corporation
Part # LXM1653-01
Download  LXM1653-01 Download
File Size   179.22 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description FLOATING OUTPUT DRIVE, CCFL INVERTER MODULES

LXM1653-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXM1653-01 Datasheet PDF - Microsemi Corporation

Part # LXM1653-01
Download  LXM1653-01 Click to download

File Size   179.22 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description FLOATING OUTPUT DRIVE, CCFL INVERTER MODULES

LXM1653-01 Datasheet (HTML) - Microsemi Corporation


LXM1653-01 Product details

DESCRIPTION
The LXM1653 floating output drive CCFL (Cold Cathode Fluorescent Lamp) Inverter Module is specifically designed to drive large LCD displays (11.3" and larger), which are used in notebook computers. This new inverter was specifically designed to reduce the leakage currents from the lamp to the reflector or the metal frame of the panels. The floating output architecture of this inverter also permits a much wider dimming range when compared to non-floating designs, and allows an additional 10% efficiency improvement.

KEY FEATURES
■ FULLY FLOATING OUTPUT
■ 35% MORE LIGHT OUTPUT AT 5 WATTS
■ GREATER EFFICIENCY THAN GROUNDED OUTPUT DESIGNS
■ 6.5V TO 18V INPUT VOLTAGE RANGE
■ VERSATILE BRIGHTNESS CONTROL INPUT
■ 10 MICROAMP SLEEP CURRENT
■ OUTPUT SHORT CIRCUIT PROTECTION AND AUTOMATIC OVER VOLTAGE LIMITING
■ 7.4mm MAX HEIGHT, NARROW FOOTPRINT
■ MINIMIZE THERMOMETER EFFECTS
■ MINIMIZE LAMP TO PANEL LEAKAGE CURRENT

APPLICATIONS
■ 11.3" LCD PANELS AND LARGER
■ NOTEBOOK AND SUB-NOTEBOOK COMPUTERS
■ PORTABLE INSTRUMENTATION
■ AUTOMOTIVE DISPLAYS
■ DESKTOP DISPLAYS
■ AIRLINE ENTERTAINMENT CENTERS




Similar Part No. - LXM1653-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1610-01 MICROSEMI-LXM1610-01 Datasheet
124Kb / 4P
DIRECT DRIVE CCFL INVERTER MODULE
LXM1611-01 MICROSEMI-LXM1611-01 Datasheet
168Kb / 5P
DIGIT DIMMING CCFL INVERTER MODULE
LXM1612-05-01 MICROSEMI-LXM1612-05-01 Datasheet
247Kb / 6P
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-05-02 MICROSEMI-LXM1612-05-02 Datasheet
247Kb / 6P
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-05-03 MICROSEMI-LXM1612-05-03 Datasheet
247Kb / 6P
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
More results


Similar Description - LXM1653-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1596-01 MICROSEMI-LXM1596-01 Datasheet
247Kb / 5P
WIDE INPUT CCFL INVERTER MODULES
LXM1597-01 MICROSEMI-LXM1597-01 Datasheet
233Kb / 5P
5V CCFL INVERTER MODULES
LXM1598-01 MICROSEMI-LXM1598-01 Datasheet
235Kb / 5P
12V CCFL INVERTER MODULES
LXM1610-01 MICROSEMI-LXM1610-01 Datasheet
124Kb / 4P
DIRECT DRIVE CCFL INVERTER MODULE
LXM1620-01 MICROSEMI-LXM1620-01 Datasheet
135Kb / 5P
DIRECT DRIVE DUAL LAMP CCFL INVERTER MODULE
LXM1640-01 MICROSEMI-LXM1640-01 Datasheet
184Kb / 5P
DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE
logo
Applied Concepts Inc.
AC2-12-1049 ACIPOWER-AC2-12-1049 Datasheet
152Kb / 1P
CCFL INVERTER
AC2-A1-1576 ACIPOWER-AC2-A1-1576 Datasheet
1Mb / 2P
CCFL INVERTER
AC3-12-1772 ACIPOWER-AC3-12-1772 Datasheet
1Mb / 2P
CCFL INVERTER
AC5-12-1017 ACIPOWER-AC5-12-1017 Datasheet
172Kb / 1P
CCFL INVERTER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com