Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM158 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MM158
Description  BATTERY CELL BYPASS/SHORTING MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MM158 Datasheet(HTML) 2 Page - Microsemi Corporation

  MM158 Datasheet HTML 1Page - Microsemi Corporation MM158 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Forward Voltage, note 1
VD1
IF= 10 A
780
830
mV
Forward Voltage, note 1
VD2
IF= 50 A
845
900
mV
Forward Voltage, note 1
VD3
IF= 100 A
875
940
mV
Forward Voltage, note 1
VD4
IF= 200 A
905
975
mV
Forward Voltage, note 1
VD5
IF= 400 A
1100
mV
Forward Voltage, note 1
VD6
IF= 200 A, TA= -55
°C
985
1070
mV
Forward Voltage, note 1
VD7
IF= 200 A, TA= 125
°C
790
865
mV
note: see MSARS200S200L data sheet for individual characteristics
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Forward Voltage, note 1
VC1
IF= 10 mA
-
1.72
-
V
Forward Voltage, note 1
VC2
IF= 50 mA
-
1.9
-
V
Forward Voltage, note 1
VC3
IF= 100 mA
1.85
2.0
2.1
V
Forward Voltage, note 1
VC4
IF= 500 mA
-
2.15
-
V
Forward Voltage, note 1
VC5
IF= 5 A
2.43
2.52
V
Forward Voltage, note 1
VC6
IF= 10 A
2.5
2.65
V
Forward Voltage, note 1
VC7
IF= 25 A
2.6
2.8
V
Forward Voltage, note 1
VC8
IF= 50 A
2.75
2.95
V
Forward Voltage, note 1
VC9
IF= 25 A, TA= -55
°C
2.9
-
V
Forward Voltage, note 1
VC10
IF= 25 A, TA= 125
°C
2.3
V
note: see MSARS50S20Y data sheet for individual characteristics
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Shorted Current
Ishort
t=dc
400
A
Shorted Current (pulse)
IPshort
t=300ms
1000
A
Resistance
Rshort
End to end of leads
250
300
u
Ω
Shorted Cycling
Cshort
Discharge=250A
Charge=50A
t=2 hrs min
50,000
cycles
Shorting Time
tshort
at full load
TBD
secs
Electrical Parameters, DISCHARGE circuit @ 25
°C (unless otherwise specified)
Notes
(1)
Pulse test, t
≤300 µs, duty cycle δ≤2%
MM158
MSC0945.PDF
Electrical Parameters, CHARGE circuit @ 25
°C (unless otherwise specified)
Electrical Parameters, after cell fails open @ full temperature range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com