Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM158 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MM158
Description  BATTERY CELL BYPASS/SHORTING MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MM158 Datasheet(HTML) 1 Page - Microsemi Corporation

  MM158 Datasheet HTML 1Page - Microsemi Corporation MM158 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
MM158
DISCHARGE: 200 A
CHARGE: 50 A
SHORT: 400A
Features
• Designed for use with NiH battery cells on spacecraft
• Thermally activated non-dissipative permanent battery bypass
• Charge/discharge diodes are replaced by a permanent
low resistance short to bypass cell after open failure
• Compact, rugged construction offers weight and cost savings
• Can modify leads, available in different lengths
• Radiation tolerant to 300 Mrad total dose
• Discrete diodes screened and qualified per Microsemi PS11.50
• Multiple shorting points for redundant short activation
PART NUMBER
SYMBOL
MAX.
UNIT
Discharge Current
ID
200
Amps
Charge Current
IC
50
Amps
Non-Rep Peak Surge Current (discharge)
IDSM
1000
Amps
Non-Repetitive Peak Surge Current (charge)
ICSM
350
Amps
Operating and Storage Junction Temperature Range
Tj
Tstg
-55 to +175
°C
Thermal resistance, junction to lead, discharge,
measured at lead adjacent to cover
R
Θ jLD
0.5
°C/W
Thermal resistance, junction to lead, charge,
measured at lead adjacent to cover
R
Θ jLC
1.0
°C/W
Maximum Ratings @ 25
°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0945.PDF
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
BATTERY CELL
BYPASS/SHORTING
MODULE


Similar Part No. - MM158

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
MM1502 MITSUMI-MM1502 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
MM1503 MITSUMI-MM1503 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
MM1504 MITSUMI-MM1504 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
MM1505 MITSUMI-MM1505 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
More results

Similar Description - MM158

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM054 MICROSEMI-MM054 Datasheet
160Kb / 2P
BATTERY BYPASS CIRCUIT
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
Solid States Devices, I...
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
BATTERY BYPASS POWER MODULE
logo
Texas Instruments
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Solid States Devices, I...
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
Aeroflex Circuit Techno...
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com