Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL963B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MLL963B
Description  LEADLESS GLASS ZENER DIODE SURFACE MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL963B Datasheet(HTML) 2 Page - Microsemi Corporation

  MLL963B Datasheet HTML 1Page - Microsemi Corporation MLL963B Datasheet HTML 2Page - Microsemi Corporation MLL963B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MLL957B-92B.PDF 05-02-00
MLL957B,-1
thru
MLL992B,-1
±1% and ±2% Versions
“C” and “D” Available
Electrical Characteristics @ 25
°C
MICROSEMI
PART
NUMBER
NOMINAL
ZENER
VOLTAGE
VZ @ IzT
(NOTE 1)
ZENER
TEST
CURRENT
IzT
MAX ZENER IMPEDANCE
(Note 3)
ZZT @ IZT
ZZK @ IZK
MAX. DC
ZENER
CURRENT
IZM
(NOTE 4)
MAX. SURGE
CURRENT
(RECURRENT)
(NOTE 4
IZ (SURGE)
MAX. REVERSE
LEAKAGE
CURRENT
IR
VR
MAX.TEMP
COEFFICIENT
α
αα
αVZ
**
VOLTS
mA
OHMS
OHMS
mA
mA
mA
µµµµA
VOLTS
%/
°°°°C
MLL957B
6.8
18.5
4.5
700
1.0
55
300
150
5.2
+0.050
MLL958B
7.5
16.5
5.5
700
.5
50
275
75
5.7
+0.058
MLL959B
8.2
15.0
6.5
700
.5
45
250
50
6.2
+0.065
MLL960B
9.1
14.0
7.5
700
.5
41
225
25
6.9
+0.068
MLL961B
10
12.5
8.5
700
.25
38
200
10
7.6
+0.075
MLL962B
11
11.5
9.5
700
.25
32
175
5
8.4
+0.076
MLL963B
12
10.5
11.5
700
.25
31
160
5
9.1
+0.077
MLL964B
13
9.5
13.0
700
.25
28
150
5
9.9
+0.079
MLL965B
15
8.5
16
700
.25
25
130
5
11.4
+0.082
MLL966B
16
7.8
17
700
.25
24
120
5
12.2
+0.083
MLL967B
18
7.0
21
750
.25
20
110
5
13.7
+0.085
MLL968B
20
6.2
25
750
.25
18
100
5
15.2
+0.086
MLL969B
22
5.6
29
750
.25
16
90
5
16.7
+0.087
MLL970B
24
5.2
33
750
.25
15
80
5
18.2
+0.088
MLL971B
27
4.6
41
750
.25
13
70
5
20.6
+0.090
MLL972B
30
4.2
49
1000
.25
12
65
5
22.8
+0.091
MLL973B
33
3.8
58
1000
.25
11
60
5
25.1
+0.092
MLL974B
36
3.4
70
1000
.25
10
55
5
27.4
+0.093
MLL975B
39
3.2
40
1000
.25
9.5
46
5
29.7
+0.094
MLL976B
43
3.0
93
1500
.25
8.8
44
5
32.7
+0.095
MLL977B
47
2.7
105
1500
.25
7.9
40
5
35.8
+0.095
MLL978B
51
2.5
125
1500
.25
7.4
37
5
38.8
+0.096
MLL979B
56
2.2
150
2000
.25
6.8
35
5
42.6
+0.096
MLL980B
62
2.0
185
2000
.25
6.0
30
5
47.1
+0.097
MLL981B
68
1.8
230
2000
.25
5.5
28
5
51.7
+0.097
MLL982B
75
1.7
270
2000
.25
5.0
26
5
56.0
+0.098
MLL983B
82
1.5
330
3000
.25
4.6
23
5
62.2
+0.098
MLL984B
91
1.4
400
3000
.25
4.1
21
5
69.2
+0.099
MLL985B
100
1.3
500
3000
.25
3.7
18
5
76.0
+0.110
MLL986B
110
1.1
750
4000
.25
3.3
16
5
83.6
+0.110
MLL987B
120
1.0
900
4500
.25
3.1
15
5
91.2
+0.110
MLL988B
130
0.95
1100
5000
.25
2.7
13
5
98.8
+0.110
MLL989B
150
0.85
1500
6000
.25
2.4
12
5
114.0
+0.110
MLL990B
160
0.80
1700
6500
.25
2.2
11
5
121.6
+0.110
MLL991B
180
0.68
2200
7100
.25
2.0
10
5
136.8
+0.110
MLL992B
200
0.65
2500
8000
.25
1.8
9
5
152.0
+0.110
Note 1 Voltage measurements to be performed 20 seconds after application of dc test current.
Note 2 Zener impedance derived by superimposing on IZT at 60 Hz rms ac current
equal to 10% IZT.
Note 3 Allowance has been made for the increase in VZ due to ZZ and for the increase in junction temperature as the unit
approaches thermal equilibrium at the power dissipation at 500 mW.
** Ordering Information:
1) Commercial: MLL957B thu MLL992B orMLL957B-1 thru MLL992B-1
2) Military: JAN, JANTX, or JANTXV 1N962BUR-1 thru 1N992BUR-1
3) Tight tolerance "C" suffix = ±2%, "D" suffix = ±1%
4) Surge is square wave or equivalent
½
½
½
½ sine wave pulse of 1/120 second duration.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com