Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL963B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MLL963B
Description  LEADLESS GLASS ZENER DIODE SURFACE MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL963B Datasheet(HTML) 1 Page - Microsemi Corporation

  MLL963B Datasheet HTML 1Page - Microsemi Corporation MLL963B Datasheet HTML 2Page - Microsemi Corporation MLL963B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MLL957B-92B.PDF 05-02-00
MLL957B,-1
thru
MLL992B,-1
±1% and ±2% Versions
“C” and “D” Available
Electrical Characteristics (see next page)
8700 E. Thomas Road
Scottsdale, AZ 85252
Phone: (480) 941-6300
Fax:
(480) 947-1503
Features
•
Leadless Package For Surface Mount Technology
•
Ideal For High Density Mounting
•
Voltage Range 6.8 To 200 Volts
•
Hermetically Sealed, Double Slug Glass Construction
•
Metallurgically Bonded Construction Available as Dash One.
•
Available in JAN, JTX, JTXV-1 to Mil-PRF-19500/117 (UR-1 Suffix)
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
3.30
3.70
.130
.146
B
1.60
1.70
.063
.067
U
0.41
0.55
.016
.022
LEADLESS GLASS
ZENER DIODE
SURFACE MOUNT
Mechanical
Characteristics
Case: Hermetically sealed glass with solder
contact tabs at each end.
Finish: All external surfaces are corrosion
resistant, readily solderable.
Polarity: Banded end is cathode.
Thermal Resistance: 100
°C/Watt Maximum
junction to end caps for "-1" construction and
150
°C/W maximum junction to end caps for
commercial.
Mounting Position: Any
Weight: 0.04 gm
Maximum Ratings
500 mW DC Power Dissipation (See Power Derating Curve In Figure 1)
-55
°C to +175°C Operating and Storage Junction Temperature
Application
This surface mountable zener diode series is similar to the 1N957B thru
1N992B in the DO-35 equivalent package except that it meets the new
JEDEC surface mount outline DO-213AA. It is an ideal selection for
applications of high density and low parasitic requirements. Due to its
glass hermetic qualities, it may also be considered for high reliability
applications.
DO-213AA
Package Dimensions In Inches
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
120
140
160
180
200
Dash 1
Metallurgically Bonded
Non-Dash 1
T
EC End Cap Case Temperature (ºC)
FIGURE 1
STEADY STATE POWER DERATING


Similar Part No. - MLL963B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MLL963A FCI-MLL963A Datasheet
102Kb / 2P
2.4V to 110V MLL ZENER DIODES (1/2 Watt)
More results

Similar Description - MLL963B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL3821 MICROSEMI-MLL3821 Datasheet
91Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
LEADLESS GLASS ZENER DIODE SURFACE MOUNT
MLL5225B MICROSEMI-MLL5225B Datasheet
93Kb / 2P
LEADLESS GLASS ZENER DIODES
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
logo
Diodes Incorporated
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 12
GDZ8V2BLP3 DIODES-GDZ8V2BLP3_15 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 1
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 16
GDZ2V7LP3 DIODES-GDZ2V7LP3 Datasheet
342Kb / 5P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 18
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com